Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6641TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6641TRPBF
Description  DirectFET TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6641TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6641TRPBF Datasheet HTML 1Page - International Rectifier IRF6641TRPBF Datasheet HTML 2Page - International Rectifier IRF6641TRPBF Datasheet HTML 3Page - International Rectifier IRF6641TRPBF Datasheet HTML 4Page - International Rectifier IRF6641TRPBF Datasheet HTML 5Page - International Rectifier IRF6641TRPBF Datasheet HTML 6Page - International Rectifier IRF6641TRPBF Datasheet HTML 7Page - International Rectifier IRF6641TRPBF Datasheet HTML 8Page - International Rectifier IRF6641TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6641TRPbF
2
www.irf.com
S
D
G
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Electrical Characteristic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.23
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
51
59.9
m
VGS(th)
Gate Threshold Voltage
3.0
4.0
4.9
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-11
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
13
–––
–––
S
Qg
Total Gate Charge
–––
34
48
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.7
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.9
–––
nC
Qgd
Gate-to-Drain Charge
–––
9.5
14
Qgodr
Gate Charge Overdrive
–––
14
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
11
–––
Qoss
Output Charge
–––
12
–––
nC
RG
Gate Resistance
–––
1.0
–––
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
11
–––
td(off)
Turn-Off Delay Time
–––
31
–––
ns
tf
Fall Time
–––
6.5
–––
Ciss
Input Capacitance
–––
2290
–––
Coss
Output Capacitance
–––
240
–––
pF
Crss
Reverse Transfer Capacitance
–––
46
–––
Coss
Output Capacitance
–––
1780
–––
Coss
Output Capacitance
–––
100
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
26
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
37
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
85
130
ns
Qrr
Reverse Recovery Charge
–––
320
480
nC
ID = 5.5A
VDS = 160V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 5.5A
VDS = 100V
TJ = 25°C, IF = 5.5A, VDD = 100V
di/dt = 100A/µs
c
TJ = 25°C, IS = 5.5A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 150µA
VDS = 200V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.5A
i
VDS = 16V, VGS = 0V
VDD = 100V, VGS = 10V
i
VGS = 0V
ƒ = 1.0MHz
ID = 5.5A
MOSFET symbol
RG = 6.2Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 160V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz


Similar Part No. - IRF6641TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
More results

Similar Description - IRF6641TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6626 IRF-IRF6626 Datasheet
632Kb / 9P
   DirectFET TM Power MOSFET
IRF6712SPBF IRF-IRF6712SPBF_08 Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6713SPBF IRF-IRF6713SPBF Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6720S2TRPBF IRF-IRF6720S2TRPBF Datasheet
232Kb / 10P
   DirectFET TM Power MOSFET
IRF6641TR1PBF IRF-IRF6641TR1PBF Datasheet
250Kb / 9P
   DirectFET TM MOSFET
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com