Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4081BN Datasheet(PDF) 1 Page - Integral Corp.

Part # IW4081BN
Description  Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW4081BN Datasheet(HTML) 1 Page - Integral Corp.

  IW4081BN Datasheet HTML 1Page - Integral Corp. IW4081BN Datasheet HTML 2Page - Integral Corp. IW4081BN Datasheet HTML 3Page - Integral Corp. IW4081BN Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
138
Quad 2-Input AND Gate
High-Voltage Silicon-Gate CMOS
The IW4081B AND gates provide the system designer with direct
emplementation of the AND function.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
IW4081B
ORDERING INFORMATION
IW4081BN Plastic
IW4081BD SOIC
TA = -55° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AB
Y
LL
L
LH
L
HL
L
HH
H


Similar Part No. - IW4081BN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4081BN IKSEMICON-IW4081BN Datasheet
158Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4081BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4081B KODENSHI-KK4081B Datasheet
220Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4081B IKSEMICON-IW4081B Datasheet
158Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4071B ETC1-IW4071B Datasheet
102Kb / 4P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT08 KODENSHI-KK74ACT08 Datasheet
219Kb / 5P
   Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4071B IKSEMICON-IW4071B Datasheet
159Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4071B KODENSHI-KK4071B Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com