Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT6400L08SL-70FC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GLT6400L08SL-70FC
Description  Ultra Low Power 512k x 8 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT6400L08SL-70FC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLT6400L08SL-70FC Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT6400L08SL-70FC Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
G -LINK
GLT6400L08
Ultra Low Power 512k x 8 CMOS SRAM
Feb 2001(Rev. 1.1)
G-Link Technology Corporation
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
6F No. 24-2, Industry E. RD. IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 6 -
Timing Waveform of Read Cycle 1
(3,6,7,9) (Address Controlled)
DOUT
tAA
tOH
tRC
Data Valid
Address
Timing Waveform of Read Cycle 2
(5,6,8,9) ( CE1 Controlled)
tOE
tRC
Data Valid
CE1
tOHZ
tCHZ
tPD
50%
50%
tOLZ
tACE
tCLZ
tPU
Supply Current
OE
DOUT
ICC
ISB
Write Cycle
(3,11)( 70ns Vcc=3V to 3.6V , 85ns Vcc=2.7V to 3.3V )
70
85
Parameter
Symbol
Min
Max
Min
Max
Unit Note
Write Cycle Time
tWC
70
85
ns
Chip Enable to Write End
tCW
60
70
ns
Address Setup to Write End
tAW
60
70
ns
Address Setup Time
tAS
0
0
ns
Write Pulse Width
tWP
50
60
ns
Write Recovering Time
tWR
0
0
ns
Data Valid to Write End
tDW
30
35
ns
Data Hold Time
tDH
0
0
ns
Write Enable to Output in High-Z
tWZ
25
35
ns
4,5
Output Active from Write End
tOW
5
5
ns
4,5


Similar Part No. - GLT6400L08SL-70FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT625608 ETC-GLT625608 Datasheet
1,001Kb / 13P
   32K x 8 SLOW SPEED CMOS STATIC RAM
GLT625608-10FB ETC-GLT625608-10FB Datasheet
1,001Kb / 13P
   32K x 8 SLOW SPEED CMOS STATIC RAM
GLT625608-10J3 ETC-GLT625608-10J3 Datasheet
1,001Kb / 13P
   32K x 8 SLOW SPEED CMOS STATIC RAM
GLT625608-10TC ETC-GLT625608-10TC Datasheet
1,001Kb / 13P
   32K x 8 SLOW SPEED CMOS STATIC RAM
GLT625608-10TS ETC-GLT625608-10TS Datasheet
1,001Kb / 13P
   32K x 8 SLOW SPEED CMOS STATIC RAM
More results

Similar Description - GLT6400L08SL-70FC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4009 AUSTIN-AS5C4009 Datasheet
108Kb / 12P
   512K x 8 SRAM Ultra Low Power SRAM
logo
Brilliance Semiconducto...
BS62UV4000 BSI-BS62UV4000 Datasheet
336Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com