Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN70A17 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN70A17
Description  70MHz SAW Filter 16MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A17 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN70A17 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A17 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A17 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A17
Rev. Date
2006-3-7
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
16MHz Bandwidth
Part Number:LBN70A17
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.9
70
70.1
Insertion Loss
dB
-
26.2
27
1 dB Bandwidth
MHz
-
16.3
-
3 dB Bandwidth
MHz
16.4
16.47
16.5
35 dB Bandwidth
MHz
-
17.12
17.2
40 dB Bandwidth
MHz
-
17.17
-
45 dB Bandwidth
MHz
-
17.21
17.6
50 dB Bandwidth
MHz
-
17.25
18.4
55 dB Bandwidth
MHz
-
17.3
26.4
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
3.75
5
Ultimate Rejection(f0±15MHz)
dB
55
60
-
Material Temperature coefficient
KHz/°C
-6.58
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=82nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN70A17

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A17 SIPAT-LBN70A17 Datasheet
170Kb / 3P
   70MHz SAW Filter
More results

Similar Description - LBN70A17

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A28 SIPAT-LBN70A28 Datasheet
273Kb / 3P
   70MHz SAW Filter 16MHz Bandwidth
LBT19101 SIPAT-LBT19101 Datasheet
149Kb / 3P
   191MHz SAW Filter 16MHz Bandwidth
LBT19101 SIPAT-LBT19101 Datasheet
143Kb / 3P
   191MHz SAW Filter 16MHz Bandwidth
LBT19102 SIPAT-LBT19102 Datasheet
148Kb / 3P
   191MHz SAW Filter 16MHz Bandwidth
LBN09024 SIPAT-LBN09024 Datasheet
143Kb / 3P
   90MHz SAW Filter 16MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LBT19102 SIPAT-LBT19102 Datasheet
143Kb / 3P
   191MHz SAW Filter 16MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com