Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB73SB6SGXA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB73SB6SGXA
Description  Edgeboard Connectors, Single Readout
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB73SB6SGXA Datasheet(HTML) 2 Page - Vishay Siliconix

  EB73SB6SGXA Datasheet HTML 1Page - Vishay Siliconix EB73SB6SGXA Datasheet HTML 2Page - Vishay Siliconix EB73SB6SGXA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
12
EB7S
Vishay Dale
Document Number 36004
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
DIMENSIONS in inches [millimeters]
POLARIZING KEY
TERMINAL VARIATIONS in inches [millimeters]
Type “A”
Pierced
When ordering polarizing keys
individually, specify Model
Number: PK-7 between contacts.
Hand insertion tool, TPK-7, provided
on request.
Type “A”
Section C-C
0.328
± 0.010
[8.33
± 0.254]
0.016 [.410]
0.300 [7.62]
Depth of
Card
Insertion
0.054 - 0.071
[1.37 - 1.80]
0.030 [0.762]
See Table
for Contact
Variations
0.440
[11.18]
0.250
[6.35]
0.156
± 0.005
[3.96
± 0.127]
Non-Cumulative
See Table
for Mounting
Variations
C
C
A
B
D
E
0.062
± 0.010
[1.57
± 0.254]
R Typ.
Type “B”
Solder Dip
0.220
± 0.015
[5.59
± 0.381]
To fit
0.051 [1.30]
Dia. Eyelet
0.220
± 0.015
[5.59
± 0.381]
0.086
[2.18]
To fit 3,
#22 AWG
Wires
0.028
[.711]
0.230
[5.84]
0.245
[6.22]
# OF CONTACT
POSITIONS
A
B
D
E
6
1.78 [45.21]
1.531 [38.89]
1.218 [30.94]
1.100 [27.94]
10
2.41 [61.21]
2.156 [54.76]
1.843 [46.81]
1.724 [43.79]
12
2.72 [69.09]
2.468 [62.69]
2.156 [54.76]
2.036 [51.71]
15
3.19 [81.03]
2.937 [74.60]
2.624 [66.65]
2.504 [63.60]
18
3.66 [92.96]
3.406 [86.51]
3.093 [78.56]
2.972 [75.49]
22
4.28 [108.71]
4.031 [102.39]
3.717 [94.41]
3.596 [91.34]
Edgeboard Connectors, Single Readout


Similar Part No. - EB73SB6SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB73SB6SGXA VISHAY-EB73SB6SGXA Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB73SB6SGXA VISHAY-EB73SB6SGXA Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
More results

Similar Description - EB73SB6SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Revision: 16-Feb-09
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com