Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB71SB6SGXA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB71SB6SGXA
Description  Edgeboard Connectors, Single Readout
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB71SB6SGXA Datasheet(HTML) 3 Page - Vishay Siliconix

  EB71SB6SGXA Datasheet HTML 1Page - Vishay Siliconix EB71SB6SGXA Datasheet HTML 2Page - Vishay Siliconix EB71SB6SGXA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
13
EB7S
Vishay Dale
Document Number 36004
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
MOUNTING VARIATIONS in inches [miilimeters]
Type “V”
Clearance Hole
Type “VI”
Clearance Hole
No Mounting Pad
Type “W”
No Mounting Flange
Type “X”
Clearance Hole
Type “XI”
Clearance Hole
No Mounting Pad
Type “Y”
Threaded Insert
Type “Z”
Floating Bushing Radial Float .047 [1.19]
NOTE: Overall body length
increased by .060 [1.52].
0.250 [6.35]
Ref.
0.128 [3.25] Dia.
0.116
[2.95]
Dia.
0.250 [6.35]
Ref.
0.270 [6.86]
0.250 [6.35] Dia.
4-40
UNC-2B
0.250 [6.35]
Ref.
0.218 [5.54]
Ref.
0.250 [6.35]
Ref.
0.142 [3.61] Dia.
0.142
[3.61]
Dia.
0.250 [6.35]
Ref.
0.220 [5.59]
Ref.
0.010 [.254]
0.000 [.000]
0.250 [6.35]
Ref.
0.128
[3.25]
Dia.
0.220 [5.59]
Ref.
Edgeboard Connectors, Single Readout


Similar Part No. - EB71SB6SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB71SB6SGXA VISHAY-EB71SB6SGXA Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB71SB6SGXA VISHAY-EB71SB6SGXA Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
More results

Similar Description - EB71SB6SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Revision: 16-Feb-09
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com