Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL040A0LNAI021 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL040A0LNAI021
Description  4 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus and Small Sector for Boot and Parameter Storage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL040A0LNAI021 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL040A0LNAI021 Datasheet HTML 6Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 7Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 8Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 9Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 10Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 11Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 12Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 13Page - SPANSION S25FL040A0LNAI021 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
8
S25FL040A
S25FL040A_00_B0 August 31, 2006
Data
Sheet
(Pre limin ar y)
5.
Ordering Information
The ordering part number is formed by a valid combination of the following:
Table 5.1 S25FL040A Valid Combinations Table
Notes
1. Contact your local sales office for availability.
2. Package marking omits leading “S25” and speed, package, and model number form.
3. A for standard package (non-Pb free); F for Pb-free package.
4. I for Uniform Sector product; T for Top Boot product; B for Bottom Boot product.
5.1
Valid Combinations
Table 5.1 lists the valid combinations configurations planned to be supported in volume for this device.
S25FL
040
A
0L
M
A
I
00
1
PACKING TYPE (Note 1)
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
MODEL NUMBER (Additional Ordering Options)
00
=
64 KBytes Uniform Sector
01
=
Top Boot Sector
02
=
Bottom Boot Sector
TEMPERATURE RANGE
I
=
Industrial (–40°C to + 85°C)
PACKAGE MATERIALS
A
=
Standard
F
=
Lead (Pb)-free
PACKAGE TYPE
V
=
8-Pin Plastic Small Outline Package (150 mil)
M
=
8-Pin Plastic Small Outline Package (208 mil)
N
=
8-contact WSON Package
SPEED
0L
=
50 MHz
DEVICE TECHNOLOGY
A
=
0.20 µm MirrorBit™ Process Technology
DENSITY
040 =
4 Mbit
DEVICE FAMILY
S25FL
SpansionTM Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
S25FL040A Valid Combinations
Package Marking
(Note 2)
Base Ordering
Part Number
Speed Option
Package & Temperature Model Number
Packing Type
S25FL040A
0L
MAI, MFI,
VAI, VFI,
NAI, NFI
00, 01, 02
0, 1, 3 (Note 1)
FL040A +
(Note 3) + (Note 4)


Similar Part No. - S25FL040A0LNAI021

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL001D0FMAI001 SPANSION-S25FL001D0FMAI001 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI003 SPANSION-S25FL001D0FMAI003 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI011 SPANSION-S25FL001D0FMAI011 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI013 SPANSION-S25FL001D0FMAI013 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMFI001 SPANSION-S25FL001D0FMFI001 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
More results

Similar Description - S25FL040A0LNAI021

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com