Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY67BO Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY67BO
Description  Optical receiver module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY67BO Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY67BO Datasheet HTML 1Page - NXP Semiconductors BGY67BO Datasheet HTML 2Page - NXP Semiconductors BGY67BO Datasheet HTML 3Page - NXP Semiconductors BGY67BO Datasheet HTML 4Page - NXP Semiconductors BGY67BO Datasheet HTML 5Page - NXP Semiconductors BGY67BO Datasheet HTML 6Page - NXP Semiconductors BGY67BO Datasheet HTML 7Page - NXP Semiconductors BGY67BO Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Sep 27
4
Philips Semiconductors
Product specification
Optical receiver module
BGY67BO/4M
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
1000
4.15
3.85
2.4
38.1 25.4 10.2
4.2
44.75
8
0.25
0.1
12
bF
2.5
M
1.6
M1
0.9
M2
N
min.
16.7
16.1
optical input
S1
4.95
4.55
S2
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115U
0
5
10 mm
scale
A
max.
D
max.
d
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; optical input; 7 gold-plated in-line leads
SOT115U
D
U1
q
q2
q1
b
F
S
S1
S2
A
Z
p
N
N1
N2
M
M1
M2
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
y M B
y M B
y M B
B
10.7
N1
max.
5
N2
max.
99-04-13
01-08-10


Similar Part No. - BGY67BO

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67 PHILIPS-BGY67 Datasheet
46Kb / 8P
   CATV amplifier module
1997 Apr 15
BGY67 NXP-BGY67 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGY67A PHILIPS-BGY67A Datasheet
52Kb / 7P
   CATV amplifier module
Rev. 04-14 March 2005
BGY67A PHILIPS-BGY67A Datasheet
46Kb / 7P
   200 MHz, 24 dB gain reverse amplifier
Rev. 04-14 March 2005
BGY67A NXP-BGY67A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGY67BO

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
   Optical receiver module
2001 Sep 27
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
   Optical receiver module
1998 Mar 13
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
   Optical receiver module
2000 Apr 10
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
   Optical receiver module
1998 Aug 31
BGY887BO PHILIPS-BGY887BO Datasheet
57Kb / 8P
   Optical receiver module
1998 Mar 13
logo
List of Unclassifed Man...
CGE887BO ETC1-CGE887BO Datasheet
187Kb / 1P
   870MHZ.GaAs Optical Receiver Module
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com