Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWH5015 Datasheet(PDF) 3 Page - LUXPIA

Part # LWH5015
Description  High Brightness LED Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH5015 Datasheet(HTML) 3 Page - LUXPIA

  LWH5015 Datasheet HTML 1Page - LUXPIA LWH5015 Datasheet HTML 2Page - LUXPIA LWH5015 Datasheet HTML 3Page - LUXPIA LWH5015 Datasheet HTML 4Page - LUXPIA LWH5015 Datasheet HTML 5Page - LUXPIA LWH5015 Datasheet HTML 6Page - LUXPIA LWH5015 Datasheet HTML 7Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LWH5015
High Brightness LED Lamp
Different and Better
■ Chromaticity Coordinates ranks
(Ta=25℃)
Color RANK
Test Condition
Min.
Typ.
Max.
x
0.24
-
0.26
9
y
0.19
-
0.25
x
0.26
-
0.28
0
y
0.22
-
0.28
x
0.28
-
0.30
1
y
0.25
-
0.31
x
0.30
-
0.32
2
y
0.28
-
0.34
x
0.32
-
0.34
3
y
IF= 20mA
0.30
-
0.36
* The CIE standard colorimetric system


Similar Part No. - LWH5015

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
   White LED Lamp
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
   White LED Lamp
LWH5090 LUXPIA-LWH5090 Datasheet
232Kb / 7P
   White LED Lamp
More results

Similar Description - LWH5015

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com