Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWH5090 Datasheet(PDF) 6 Page - LUXPIA

Part # LWH5090
Description  White LED Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH5090 Datasheet(HTML) 6 Page - LUXPIA

  LWH5090 Datasheet HTML 1Page - LUXPIA LWH5090 Datasheet HTML 2Page - LUXPIA LWH5090 Datasheet HTML 3Page - LUXPIA LWH5090 Datasheet HTML 4Page - LUXPIA LWH5090 Datasheet HTML 5Page - LUXPIA LWH5090 Datasheet HTML 6Page - LUXPIA LWH5090 Datasheet HTML 7Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
LWH5090
White LED Lamp
Different and Better
Fig. 4 Radiation Characteristics
TA=25℃ , IF = 20mA
Fig. 5 Spectrum Characteristic
100
50
0
50
100
Fig. 4 Radiation Characteristics
Relative Luminous Intensity Iv[%]


Similar Part No. - LWH5090

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
   White LED Lamp
LWH5015 LUXPIA-LWH5015 Datasheet
174Kb / 7P
   High Brightness LED Lamp
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
   White LED Lamp
More results

Similar Description - LWH5090

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
   WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
   WHITE LAMP LED
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
   WHITE LAMP LED
logo
LUXPIA
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW520A SEOUL-LW520A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW340A SEOUL-LW340A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
   WHITE LAMP LED
logo
LUXPIA
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW510 SEOUL-LW510_1 Datasheet
565Kb / 18P
   WHITE LAMP LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com