Electronic Components Datasheet Search |
|
PDM41024LA15TITY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
PDM41024LA15TITY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 8 page Rev. 3.3 - 4/09/98 1 1 2 3 4 5 6 7 8 9 10 11 12 Functional Block Diagram Features n High-speed access times Com’l: 10, 12 and 15 ns Ind’l: 12 and 15 ns n Low power operation (typical) - PDM41024SA Active: 450 mW Standby: 50 mW - PDM41024LA Active: 400 mW Standby: 25mW n Single +5V (±10%) power supply n TTL-compatible inputs and outputs n Packages Plastic SOJ (300 mil) - TSO Plastic SOJ (400 mil) - SO Plastic TSOP (I)- T Description The PDM41024 is a high-performance CMOS static RAM organized as 131,072 x 8 bits. Writing is accomplished when the write enable (WE) and the chip enable (CE1) inputs are both LOW and CE2 is HIGH. Reading is accomplished when WE and CE2 remain HIGH and CE1 and OE are both LOW. The PDM41024 operates from a single +5V power supply and all the inputs and outputs are fully TTL- compatible. The PDM41024 comes in two versions: the standard power version (SA) and the low power version (LA). The two versions are functionally the same and differ only in their power consumption. The PDM41024 is available in a 32-pin plastic TSOP (I), and a 300-mil and 400-mil plastic SOJ. A • • • • • A 0 16 I/O • • I/O 0 7 CE1 WE • • • • • • Addresses Decoder Memory Matrix Input Data Control Column I/O ••••• OE • • • CE2 Control PDM41024 1 Megabit Static RAM 128K x 8-Bit |
Similar Part No. - PDM41024LA15TITY |
|
Similar Description - PDM41024LA15TITY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |