Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM41024SA12TITY Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDM41024SA12TITY
Description  1 Megabit Static RAM 128K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41024SA12TITY Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDM41024SA12TITY Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41024SA12TITY Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PDM41024
Rev. 3.3 - 4/09/98
3
1
2
3
4
5
6
7
8
9
10
11
12
Recommended DC Operating Condition
DC Electrical Characteristics (V
CC = 5.0V ± 10%)
NOTE:
1. VIL(min) = –3.0V for pulse width less than 20 ns
Power Supply Characteristics
SHADED AREAS = PRELIMINARY DATA
NOTES: All values are maximum guaranteed values.
VLC ≤ 0.2V, VHC ≥ VCC – 0.2V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
VSS
Supply Voltage
0
0
0
V
Industrial
Ambient Temperature
–40
25
85
°C
Commercial
Ambient Temperature
0
25
70
°C
PDM41024SA
PDM41024LA
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ILI
Input Leakage Current
VCC = MAX., VIN = VSS to VCC
Com’l/
Ind.
–55–11
µA
ILO
Output Leakage Current
VCC = MAX.,
CE1 = VIH and CE2 = VIL,
VOUT = VSS to VCC
Com’l/
Ind.
–55–11
µA
VIL
Input Low Voltage
–0.5(1)
0.8
–0.5(1)
0.8
V
VIH
Input High Voltage
2.2
6.0
2.2
6.0
V
VOL
Output Low Voltage
IOL = 8 mA, VCC = Min.
IOL = 10 mA, VCC = Min.
0.4
0.5
0.4
0.5
V
V
VOH
Output High Voltage
IOH = –4 mA, VCC = Min.
2.4
2.4
V
-10
-12
-15
Symbol
Parameter
Power
Com’l.
Com’l.
Ind.
Com’l.
Ind.
ICC
Operating Current
CE1 = VIL and CE2 = VIH
SA
250
230
240
185
195
f = fMAX = 1/tRC
VCC = Max.
IOUT = 0 mA
LA
230
210
220
165
175
ISB
Standby Current
CE1 = VIH and CE2 = VIL
SA
80
70
70
55
55
f = fMAX = 1/tRC
VCC = Max.
LA
75
65
65
50
50
ISB1
Full Standby Current
CE1
≥ V
HC and CE2 ≤ VLC
SA
20
20
25
10
15
f = 0
VCC = Max.
VIN ≥ VCC – 0.2V or ≤ 0.2V
LA
10
10
10
5
10


Similar Part No. - PDM41024SA12TITY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
More results

Similar Description - PDM41024SA12TITY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com