Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L101011MS10B2 Datasheet(PDF) 4 Page - ITT Industries

Part # L101011MS10B2
Description  Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

L101011MS10B2 Datasheet(HTML) 4 Page - ITT Industries

  L101011MS10B2 Datasheet HTML 1Page - ITT Industries L101011MS10B2 Datasheet HTML 2Page - ITT Industries L101011MS10B2 Datasheet HTML 3Page - ITT Industries L101011MS10B2 Datasheet HTML 4Page - ITT Industries L101011MS10B2 Datasheet HTML 5Page - ITT Industries L101011MS10B2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
.425
(10,80)
8
7
6
5
4
3
2
1
7
6
5
.160 TYP
(4,06)
TRAVEL
.125
(3,18)
1.000
(25,40)
.941
(23,90)
.840
(21,34)
.324
(8,23)
.200
(5,08)
.200
(5,08)
.070 TYP
(1,78)
.240
(6,10)
.181
(4,60)
TYP
.358
(9,09)
1.000
(25,40)
.135
(3,43)
.110 DIA
(2,79ø)
.530
(13,46)
.100 DIA TYP
(2,54ø)
.125 R TYP
(3,18)
.225
(5,72)
J–21
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K L Series
Miniature Slide Switches
J
MV
RIGHT ANGLE, PC THRU-HOLE
ML
RIGHT ANGLE, PC THRU-HOLE
L102021ML04Q
Horizontal Actuation
SPDT
L212132MV02Q
DPDT
AVAILABLE WITH:
Models:
L101, L102, L112
Terminations: 04
Actuators: 01, 02, 05, 11 and 12
PC MOUNTING
For mounting information, see
TERMINATIONS section, page J-21.
Splash caps are available separately
and reusable, see page J-23.
AVAILABLE WITH:
Models: L112 and L212
Terminations: 02, 06, 10 and 12
Actuators: 13 thru 19
PC MOUNTING
For mounting information, see
TERMINATIONS section, page J-21.
Splash caps are available separately
and reusable, see page J-23.
MOUNTING STYLE
TS
PANEL WITH INTEGRAL MOUNTING EARS
AVAILABLE WITH:
Models: L103, L113, L123 and L203
Terminations: 01, 02, 03, 06, 10, 12
Actuators: 01, 02, 03, 05, 11 and 12
L202011SS03Q
DPDT
L203011TS03Q
DP3T
.110 DIA
(2,79ø) TYP
.360
(9,14)
1.000
(25,40)
.135
(3,43)
.225
(5,72)
.760
(19,30)
.181 TYP
(4,60)
.358
(9,09)
.070 TYP
(1,78)
.240
(6,10)
.060
(1,52)
.200
(5,08)
.200
(5,08)
1.200
(30,48)
1.000
(25,40)
.425
(10,60)
.125
(3,18)
.150
(3,81)
TRAVEL
6
5
4
3
2
1
6
5
4
AVAILABLE WITH:
Models:
L101, L102, L112, L201 and L202
Terminations: 01, 02, 03, 06, 10, 12
Actuators: 01, 02, 03, 05, 11 and 12
SS
PANEL WITH MOUNTING EARS
PANEL MOUNTING
PANEL MOUNTING


Similar Part No. - L101011MS10B2

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10101 HAMAMATSU-L10101_15 Datasheet
730Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
More results

Similar Description - L101011MS10B2

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com