Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1411 Datasheet(PDF) 19 Page - Analog Devices

Part # ADUM1411
Description  Quad-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1411 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADUM1411 Datasheet HTML 12Page - Analog Devices ADUM1411 Datasheet HTML 13Page - Analog Devices ADUM1411 Datasheet HTML 14Page - Analog Devices ADUM1411 Datasheet HTML 15Page - Analog Devices ADUM1411 Datasheet HTML 16Page - Analog Devices ADUM1411 Datasheet HTML 17Page - Analog Devices ADUM1411 Datasheet HTML 18Page - Analog Devices ADUM1411 Datasheet HTML 19Page - Analog Devices ADUM1411 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADuM1410/ADuM1411/ADuM1412
Rev. E | Page 19 of 20
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kgauss induces a
voltage of 0.25 V at the receiving coil. This is about 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event occurs during a transmitted pulse
(and was of the worst-case polarity), it reduces the received
pulse from >1.0 V to 0.75 V—still well above the 0.5 V sensing
threshold of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances from the
ADuM141x transformers. Figure 19 expresses these allowable
current magnitudes as a function of frequency for selected
distances. As shown, the ADuM141x is extremely immune and
can be affected only by extremely large currents operated at
high frequency very close to the component. For the 1 MHz
example noted, a 0.5 kA current needed to be placed 5 mm
away from the ADuM141x to affect the operation of the
component.
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 19. Maximum Allowable Current for Various
Current-to-ADuM141x Spacings
Note that at combinations of strong magnetic field and high
frequency, any loops formed by printed circuit board traces
could induce error voltages sufficiently large enough to trigger
the thresholds of succeeding circuitry. Care should be taken in
the layout of such traces to avoid this possibility.
POWER CONSUMPTION
The supply current at a given channel of the ADuM141x
isolator is a function of the supply voltage, the data rate of the
channel, and the output load of the channel.
For each input channel, the supply current is given by
IDDI = IDDI (Q)
f ≤ 0.5 fr
IDDI = IDDI (D) × (2f − fr) + IDDI (Q)
f > 0.5 fr
For each output channel, the supply current is given by
IDDO = IDDO (Q)
f ≤ 0.5 fr
IDDO = (IDDO (D) + (0.5 × 10−3) × CL × VDDO) × (2f − fr) + IDDO (Q)
f > 0.5 fr
where:
IDDI (D), IDDO (D) are the input and output dynamic supply currents
per channel (mA/Mbps).
CL is the output load capacitance (pF).
VDDO is the output supply voltage (V).
f is the input logic signal frequency (MHz); it is half of the input
data rate expressed in units of Mbps.
fr is the input stage refresh rate (Mbps).
IDDI (Q), IDDO (Q) are the specified input and output quiescent
supply currents (mA).
To calculate the total VDD1 and VDD2 supply current, the supply
currents for each input and output channel corresponding to
VDD1 and VDD2 are calculated and totaled. Figure 8 and Figure 9
provide per-channel supply currents as a function of data rate
for an unloaded output condition. Figure 10 provides per-
channel supply current as a function of data rate for a 15 pF
output condition. Figure 11 through Figure 15 provide total
VDD1 and VDD2 supply current as a function of data rate for
ADuM1410/ADuM1411/ADuM1412 channel configurations.


Similar Part No. - ADUM1411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1411 AD-ADuM1411 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM1411 AD-ADUM1411 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADUM1411 AD-ADUM1411 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADUM1411ARWZ AD-ADUM1411ARWZ Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1411ARWZ AD-ADUM1411ARWZ Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
More results

Similar Description - ADUM1411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com