Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K12GOBKGN25NL327 Datasheet(PDF) 3 Page - ITT Industries

Part # K12GOBKGN25NL327
Description  High Performance Key Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K12GOBKGN25NL327 Datasheet(HTML) 3 Page - ITT Industries

  K12GOBKGN25NL327 Datasheet HTML 1Page - ITT Industries K12GOBKGN25NL327 Datasheet HTML 2Page - ITT Industries K12GOBKGN25NL327 Datasheet HTML 3Page - ITT Industries K12GOBKGN25NL327 Datasheet HTML 4Page - ITT Industries K12GOBKGN25NL327 Datasheet HTML 5Page - ITT Industries K12GOBKGN25NL327 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.ittcannon.com
E–12
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
K12
High Performance Key Switches
SERIES
center of actuation area (notice LED)
7,5
(.295)
2,6
(.103)
9,6
(.378)
2,5
(.098)
K12P
PCB LAYOUT, MOUNTING SIDE
total travel 1, 1,5 or 2
(.0394, .0591 or .0787)
12,5
(.492)
9,8
(.386)
10,9 SQ.
(.429)
12,0
(.472)
ø1,0
(.0394)
K12PL
K LED
coding pin L
center of actuation area (notice LED)
7,5
(.295)
2,6
(.103)
2,5
(.098)
2,6
(.098)
9,6
(.378)
2,5
(.098)
3,6
(.141)
K
ø3,0
(.118)
PCB
pin ø 1.1 (.0433)
for coding of LED color
total travel 1 or 1,5
(.0394 or .0591)
ø4,6
(.181)
5,6
(.22)
PCB LAYOUT, MOUNTING SIDE
1,7 (.069)
2x
snap-in
1,6 (.062)
1x
coding hole
(L,M,N)
1,1 (.043)
2x
center hole
Sn
0,9 (.035)
LED
m0.5 (.020)
Sn
2x
switch
0.7 x 0.2 (.028 x .081)
1,7 (.069)
2x
snap-in
1,6 (.062)
1x
coding hole
(L,M,N)
1,1 (.043)
2x
center hole
Sn
0,9 (.035)
2x
LED
m0.5 (.020)
Sn
2x
switch
0.7 x 0.2 (.028 x .081)
Hole
Ø
Without LED
Description
Terminal Section
Surface
Hole
Ø
Without LED
Description
Terminal Section
Surface


Similar Part No. - K12GOBKGN25NL327

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
logo
Jinan Jing Heng Electro...
K12 JINGHENG-K12 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
K12 YIXIN-K12 Datasheet
1Mb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
K12 SY-K12 Datasheet
1Mb / 2P
   SCHOTTKY DIODE
logo
SAMYANG ELECTRONICS CO....
K12 SAMYANG-K12 Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
More results

Similar Description - K12GOBKGN25NL327

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12S CK-COMPONENTS-K12S Datasheet
200Kb / 3P
   High Performance SMT Key Switches
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com