Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1250 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1250
Description  Hot Swappable Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1250 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1250 Datasheet HTML 1Page - Analog Devices ADUM1250 Datasheet HTML 2Page - Analog Devices ADUM1250 Datasheet HTML 3Page - Analog Devices ADUM1250 Datasheet HTML 4Page - Analog Devices ADUM1250 Datasheet HTML 5Page - Analog Devices ADUM1250 Datasheet HTML 6Page - Analog Devices ADUM1250 Datasheet HTML 7Page - Analog Devices ADUM1250 Datasheet HTML 8Page - Analog Devices ADUM1250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADuM1250/ADuM1251
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Package Characteristics ............................................................... 5
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation
Characteristics .............................................................................. 6
Recommended Operating Conditions ...................................... 6
Absolute Maximum Ratings ............................................................7
ESD Caution...................................................................................7
Pin Configuration and Function Descriptions..............................8
Test Conditions..................................................................................9
Application Notes ........................................................................... 10
Functional Description.............................................................. 10
Startup.......................................................................................... 10
Typical Application Diagram.................................................... 11
Magnetic Field Immunity............................................................. 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
10/06—Revision 0: Initial Version 0


Similar Part No. - ADUM1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250 AD-ADUM1250 Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250 AD-ADUM1250 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1250 AD-ADUM1250 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADuM1250ARZ AD-ADuM1250ARZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250ARZ AD-ADUM1250ARZ Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results

Similar Description - ADUM1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com