Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTE0212M05 Datasheet(PDF) 7 Page - ITT Industries

Part # RTE0212M05
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE0212M05 Datasheet(HTML) 7 Page - ITT Industries

  RTE0212M05 Datasheet HTML 1Page - ITT Industries RTE0212M05 Datasheet HTML 2Page - ITT Industries RTE0212M05 Datasheet HTML 3Page - ITT Industries RTE0212M05 Datasheet HTML 4Page - ITT Industries RTE0212M05 Datasheet HTML 5Page - ITT Industries RTE0212M05 Datasheet HTML 6Page - ITT Industries RTE0212M05 Datasheet HTML 7Page - ITT Industries RTE0212M05 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-26
I
C&K RTE Series
Low Profile Rotary DIP Switches
CONTACT MATERIAL
SWITCH FUNCTION
1 BCD CODE
0 SINGLE POLE
2 BCD COMPLEMENT CODE
4 HEXADECIMAL CODE
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9
0
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9
0
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
POS.
C
1
2
3
4
1 2 3 4
0
.118
(3,0)
ø.283
(7,2)
.059
(1,5)
Other codes available by request.
.11 (3)
.23 (6)
.15 (4)
Buttons are ordered separately, shipped in bulk.
BTN RTE 40
Red
BTN RTE 50
Green
BTN RTE 90
Black
Part Number
Color
BUTTONS AVAILABLE
** When selecting contact material option 4 and 5 with RTE02, RTE03 and or “V” terminations, these combinations are RoHS compliant but not compatible
(i.e. they do not sustain the high temperatures of the leadfree soldering process). All other options and terminations are RoHS compatible. (Compliant with
4 and 5 contact material only).
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
OPTION
CODE
3
1
*4
*5
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
GOLD
SILVER
GOLD
SILVER
NO
NO
YES
YES
* *
* *
* *
* *
TIN LEAD
TIN LEAD
MATTE TIN
MATTE TIN
100 mA max.
10µ A min.
30 V DC max.
100 mA max.
1 mA min.
50 V DC max.
100 mA max.
10µ A min.
30 V DC max.
100 mA max.
1 mA min.
50 V DC max.


Similar Part No. - RTE0212M05

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0212-G04 CK-COMPONENTS-RTE0212-G04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0212-G05 CK-COMPONENTS-RTE0212-G05 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0212-G14 CK-COMPONENTS-RTE0212-G14 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0212-G15 CK-COMPONENTS-RTE0212-G15 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0212-G24 CK-COMPONENTS-RTE0212-G24 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results

Similar Description - RTE0212M05

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com