Part Name
         Description
AM29LV6402M

 128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control ( 57 Page)


SPANSION
100% 
Zoom Out Zoom In
 29 page
background image
January 23, 2006
Am29LV6402M
27
Figure 4.
Write Buffer Programming Operation
Write “Write to Buffer”
command and
Sector Address
Write number of addresses
to program minus 1(WC)
and Sector Address
Write program buffer to
flash sector address
Write first address/data
Write to a different
sector address
FAIL or ABORT
PASS
Read DQ7 - DQ0 at
Last Loaded Address
Read DQ7 - DQ0 with
address = Last Loaded
Address
Write next address/data pair
WC = WC - 1
WC = 0 ?
Part of “Write to Buffer”
Command Sequence
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
Abort Write to
Buffer Operation?
DQ7 = Data?
DQ7 = Data?
DQ5 = 1?
DQ1 = 1?
Write to buffer ABORTED.
Must write “Write-to-buffer
Abort Reset” command
sequence to return
to read mode.
Notes:
1.
When Sector Address is specified, any address in
the selected sector is acceptable. However, when
loading Write-Buffer address locations with data, all
addresses must fall within the selected Write-Buffer
Page.
2.
DQ7 and DQ15 may change simultaneously with
DQ5 and DQ13. Therefore, DQ7 and DQ15
should be verified.
3.
If this flowchart location was reached because
DQ5 and DQ13 = “1”, then the device FAILED. If
this flowchart location was reached because
DQ1= “1”, then the Write to Buffer operation was
ABORTED. In either case, the proper reset
command must be written before the device can
begin another operation. If DQ1 and DQ9 =1,
write the Write-Buffer-Programming-Abort-Reset
command. if DQ5 and DQ13 =1, write the Reset
command.
4.
See Tables 10 and 11 for command sequences
required for write buffer programming.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29LV642D128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV128MH128 Megabit 8 M x 16-Bit/16 M x 8-Bit MirrorBit™ 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV2562M512 Megabit 16 M x 32-Bit/32 M x 16-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV641MH64 Megabit 4 M x 16-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV640MH64 Megabit 4 M x 16-Bit/8 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV033MU32 Megabit 4 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV065M64 Megabit 8 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV640D64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV641G64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV256M256 Megabit 16 M x 16-Bit/32 M x 8-Bit MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl