Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3491E Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3491E
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3491E Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3491E Datasheet HTML 6Page - Analog Devices ADM3491E Datasheet HTML 7Page - Analog Devices ADM3491E Datasheet HTML 8Page - Analog Devices ADM3491E Datasheet HTML 9Page - Analog Devices ADM3491E Datasheet HTML 10Page - Analog Devices ADM3491E Datasheet HTML 11Page - Analog Devices ADM3491E Datasheet HTML 12Page - Analog Devices ADM3491E Datasheet HTML 13Page - Analog Devices ADM3491E Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 10 of 20
VOL
VCC
0V
3V
0.25V
IN
OUT
1.5V
1.5V
tPSL
tPLZ
VOM
D
OUT
CL = 50pF2
GENERATOR1
50Ω
S1
0V OR 3V
VCC
RL = 110Ω
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 13. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)
3V
0V
VCC
0V
IN
OUT
VOM
VOM
1.5V
1.5V
tRPHL
tRPLH
GENERATOR1
50Ω
CL = 15pF2
R
1.5V
0V
VOM =
VCC
2
OUT
VID
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 14. Receiver Propagation Delays
+3V
0V
VOH
0V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
+3V
0V
VCC
VOL
+3V
0V
VCC
VOL
+3V
0V
VOH
0V
+1.5V
+1.5V
+1.5V
IN
OUT
IN
OUT
IN
OUT
IN
OUT
tRPZL
tRPSL
tRPLZ
tRPHZ
+0.25V
+0.25V
+1.5V
+1.5V
+1.5V
tRPZH
tRPSH
R
GENERATOR1
50Ω
CL2
S3
S1
S2
VCC
+1.5V
–1.5V
VID
1kΩ
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 15. Receiver Enable and Disable Times


Similar Part No. - ADM3491E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3491E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com