Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BL162C Datasheet(PDF) 9 Page - SPANSION

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162C Datasheet(HTML) 9 Page - SPANSION

Back Button AM29BL162C Datasheet HTML 5Page - SPANSION AM29BL162C Datasheet HTML 6Page - SPANSION AM29BL162C Datasheet HTML 7Page - SPANSION AM29BL162C Datasheet HTML 8Page - SPANSION AM29BL162C Datasheet HTML 9Page - SPANSION AM29BL162C Datasheet HTML 10Page - SPANSION AM29BL162C Datasheet HTML 11Page - SPANSION AM29BL162C Datasheet HTML 12Page - SPANSION AM29BL162C Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
July 8, 2005
Am29BL162C
7
DA T A
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
For information on full voltage range options (2.7 – 3.6 V),
please contact AMD.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29BL162C
B
65R
Z
I
TEMPERATURE RANGE
I = Industrial (–40
°C to +85°C)
E= Extended (–40°C to +125°C)
F= Industrial –40°C to +°85C) for Pb-free Package
K= Extended –55°C to +125°C) for Pb-free Package
PACKAGE TYPE
Z= 56-Pin Shrink Small Outline Package (SSOP 056)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
B= Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29BL162C
16 Megabit (1 M x 16-Bit)
CMOS 3.0 Volt-only High Performance Burst Mode Flash Memory
Valid Combinations
Am29BL162CB-65R
ZI, ZE, ZF, ZK
Am29BL162CB-70R
ZI, ZE, ZF, ZK
Am29BL162CB-90R
ZI, ZE, ZF, ZK
Am29BL162CB-120R
ZI, ZE, ZF, ZK


Similar Part No. - AM29BL162C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BL162C AMD-AM29BL162C Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
SPANSION
AM29BL162C SPANSION-AM29BL162C Datasheet
298Kb / 19P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
logo
Advanced Micro Devices
AM29BL162CB-120RZE AMD-AM29BL162CB-120RZE Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-120RZF AMD-AM29BL162CB-120RZF Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-120RZI AMD-AM29BL162CB-120RZI Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results

Similar Description - AM29BL162C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BL162C AMD-AM29BL162C Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
SPANSION
AM29BL162C SPANSION-AM29BL162C_03 Datasheet
298Kb / 19P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BL802C AMD-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com