Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5231BEEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5231BEEE
Description  3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5231BEEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5231BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
10
______________________________________________________________________________________
PIN
NAME
FUNCTION
1
OSA
DAC A Offset Adjust
2
OUTA
DAC A Output
3
RSTV
Reset Value Input
1: Connect to VDD to select midscale as the reset value.
0: Connect to DGND to select zero as the reset value.
4
LDAC
Load DACs A and B
5
CLR
Clear Input. Both DAC outputs go to zero or midscale. Clears both DAC internal registers (input
register and DAC register) to its predetermined (RSTV) state.
6
CS
Chip-Select Input
7
DIN
Serial Data Input. Data is clocked in on the rising edge of SCLK.
8
SCLK
Serial Clock Input
9
DGND
Digital Ground
10
DOUT
Serial Data Output
11
PDL
Power-Down Lockout. Disables shutdown of both DACs when low.
12
REF
Reference Output. Reference provides a 2.465V (MAX5231) or 1.234V (MAX5230) nominal output.
13
AGND
Analog Ground
14
VDD
Positive Power Supply. Bypass VDD with a 0.1µF capacitor in parallel with a 4.7µF capacitor to
AGND, and bypass VDD with a 0.1µF capacitor to DGND.
15
OUTB
DAC B Output
16
OSB
DAC B Offset Adjust
Pin Description
CS
SCLK
DIN
COMMAND EXECUTED
9
8
16
(1)
1
C1
C2
S0
C0
D11 D10
D9
D8
D5
D4
D3
D2
D1
(MODE 0)
(MODE 1)
DOUT
DOUT
C2
C1
C2
C1
D0
D7
D6
Figure 1. Serial Interface Timing


Similar Part No. - MAX5231BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5232EEE MAXIM-MAX5232EEE Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232EEE++ MAXIM-MAX5232EEE+ Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
More results

Similar Description - MAX5231BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com