Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB35N15 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTB35N15
Description  Power MOSFET 37 Amps, 150 Volts N-Channel Enhancement-Mode D2PAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB35N15 Datasheet(HTML) 2 Page - ON Semiconductor

  NTB35N15 Datasheet HTML 1Page - ON Semiconductor NTB35N15 Datasheet HTML 2Page - ON Semiconductor NTB35N15 Datasheet HTML 3Page - ON Semiconductor NTB35N15 Datasheet HTML 4Page - ON Semiconductor NTB35N15 Datasheet HTML 5Page - ON Semiconductor NTB35N15 Datasheet HTML 6Page - ON Semiconductor NTB35N15 Datasheet HTML 7Page - ON Semiconductor NTB35N15 Datasheet HTML 8Page - ON Semiconductor NTB35N15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NTB35N15
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
150
240
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VGS = 0 Vdc, VDS = 150 Vdc, TJ = 25°C)
(VGS = 0 Vdc, VDS = 150 Vdc, TJ = 125°C)
IDSS
5.0
50
mAdc
Gate–Body Leakage Current (VGS = ±20 Vdc, VDS = 0)
IGSS
±100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
VDS = VGS, ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
2.9
–8.56
4.0
Vdc
mV/
°C
Static Drain–to–Source On–State Resistance
(VGS = 10 Vdc, ID = 18.5 Adc)
(VGS = 10 Vdc, ID = 18.5 Adc, TJ = 125°C)
RDS(on)
0.042
0.050
0.120
W
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 18.5 Adc)
VDS(on)
1.55
1.78
Vdc
Forward Transconductance (VDS = 10 Vdc, ID = 18.5 Adc)
gFS
26
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f
10MH )
Ciss
2275
3200
pF
Output Capacitance
f = 1.0 MHz)
Coss
450
650
Reverse Transfer Capacitance
Crss
90
175
SWITCHING CHARACTERISTICS (Notes 3 & 4)
Turn–On Delay Time
(VDD = 120 Vdc, ID = 37 Adc,
V
10 Vd
td(on)
20
35
ns
Rise Time
VGS = 10 Vdc,
RG = 9.1 W)
tr
125
225
Turn–Off Delay Time
RG = 9.1 W)
td(off)
90
175
Fall Time
tf
120
210
Total Gate Charge
(VDS = 120 Vdc, ID = 37 Adc,
V
10 Vd )
Qtot
70
100
nC
Gate–to–Source Charge
VGS = 10 Vdc)
Qgs
14
Gate–to–Drain Charge
Qgd
32
BODY–DRAIN DIODE RATINGS (Note 3)
Diode Forward On–Voltage
(IS = 37 Adc, VGS = 0 Vdc)
(IS = 37 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
1.00
0.88
1.5
Vdc
Reverse Recovery Time
(IS = 37 Adc, VGS = 0 Vdc,
dI /dt
100 A/
)
trr
170
ns
dIS/dt = 100 A/ms)
ta
112
tb
58
Reverse Recovery Stored Charge
QRR
1.14
mC
3. Pulse Test: Pulse Width = 300
ms max, Duty Cycle = 2%.
4. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTB35N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
logo
VBsemi Electronics Co.,...
NTB35N15T4G VBSEMI-NTB35N15T4G Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
More results

Similar Description - NTB35N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15 ONSEMI-NTP35N15 Datasheet
73Kb / 8P
   Power MOSFET 37 Amps, 150 Volts
December, 2003 ??Rev. 2
logo
Unisonic Technologies
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
logo
Unisonic Technologies
2N7002Z UTC-2N7002Z Datasheet
169Kb / 4P
   300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002K UTC-2N7002K Datasheet
164Kb / 3P
   300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7000Z UTC-2N7000Z Datasheet
156Kb / 3P
   115m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
logo
ON Semiconductor
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com