Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5230AEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5230AEEE
Description  3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5230AEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5230AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5230AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX5230 (continued)
(VDD = +2.7V to +3.6V, OS_ = AGND = DGND = 0, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reference External Load Regulation
VOUT/IOUT 0
≤ IOUT ≤ 100µA (sourcing)
0.1
2
µV/µA
Reference Short-Circuit Current
4
mA
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
Input Hysteresis
VHYS
200
mV
Input Leakage Current
IIN
Digital inputs = 0 or VDD
±1µA
Input Capacitance
CIN
8pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 2mA
2.3
V
Output Low Voltage
VOL
ISINK = 2mA
0.25
V
DYNAMIC PERFORMANCE
Voltage-Output Slew Rate
SR
0.6
V/µs
Voltage-Output Settling Time
To
±0.5 LSB, VSTEP = ±2V
(VDD - 0.25V)
≥ VOUT ≥ 0.25V
10
µs
Output-Voltage Swing (Note 5)
0 to VDD
V
OS_ Input Resistance
ROS
83
121
k
Time Required for Output to Settle After
Turning on VDD (Note 6)
95
400
µs
Time Required for Output to Settle After
Exiting Full Power-Down (Note 6)
95
400
µs
Time Required for Output to Settle After
Exiting DAC Power-Down (Note 6)
12
160
µs
Digital Feedthrough
CS =VDD, fSCLK = 100kHz,
VSCLK = 3VP-P
5
nV-s
Major-Carry Glitch Energy
90
nV-s


Similar Part No. - MAX5230AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5232EEE MAXIM-MAX5232EEE Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232EEE++ MAXIM-MAX5232EEE+ Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
More results

Similar Description - MAX5230AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com