Electronic Components Datasheet Search |
|
MGCT02 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc |
|
MGCT02 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc |
5 / 12 page MGCT02 4 Characteristics Value Units Conditions Min. Typ. Max. SSB mixer and UHF oscillator inputs SSB rejection 18 dB Cellular band LO input level -15 -10 -5 dBm From external UHF osc. via matching network PCS band LO input level -15 -10 -5 dBm From external UHF osc. via matching network Cellular band local oscillator input frequency. (LO 1GHz) 850 1100 MHz PCS band local oscillator input frequency (LO 2GHz) 1500 2150 MHz 900MHz RF output stage Specifications assume 50 ohm load driven via a matching network (Fig. 6) RF amplifier operating frequency range 824 849 MHz Output power +8 +19 dBm Note 1 ACPR (TDMA) -45 -30 dBc Pout = +8dBm, Offset = 30kHz -90 -60 dBc Pout = +8dBm, Offset = 60kHz Output power AMPS +10 +14 +19 dBm Note 2 Receive band noise (869 - 894MHz) -123 -121 dBm/ Hz ftx = 849 MHz Pout = +8dBm Spurious Outputs LO Leakage -18 dBc Note 2, Pout = +8dBm LO Leakage -14 dBm VCC = 3V, T = 25˙C Pout = +8dBm Image Rejection -18 dBc Note 2, Pout = +8dBm Other Spurii -20 dBm Note 3 1900MHz RF output stage (PCS) Specifications assume 50 ohm load driven via a matching network (Fig. 5) RF amplifier operating frequency range 1850 1910 MHz Output power +8 +18 dBm Note 1 ACPR (TDMA) -45 -30 dBc Pout = +8dBm, Offset = 30kHz -90 -60 dBc Pout = +8dBm, Offset = 60kHz Receive band noise (1930 - 1990 MHz) -123 -121 dBm/ Hz ftx = 1910MHz, Pout = +8dBm Receive band noise (1930 - 1990MHz) -128 -125 dBm/ Hz ftx = 1910MHz, Pout = +3dBm VCC = 3V, T =25˙C Table 3 - AC Characteristics (continued) |
Similar Part No. - MGCT02 |
|
Similar Description - MGCT02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |