Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73632DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73632DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73632DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73632DBVT Datasheet HTML 1Page - Texas Instruments TPS73632DBVT Datasheet HTML 2Page - Texas Instruments TPS73632DBVT Datasheet HTML 3Page - Texas Instruments TPS73632DBVT Datasheet HTML 4Page - Texas Instruments TPS73632DBVT Datasheet HTML 5Page - Texas Instruments TPS73632DBVT Datasheet HTML 6Page - Texas Instruments TPS73632DBVT Datasheet HTML 7Page - Texas Instruments TPS73632DBVT Datasheet HTML 8Page - Texas Instruments TPS73632DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS736xx
SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
Over operating temperature range (T
J = -40°C to +125°C), VIN = VOUT(nom) + 0.5V
(1), I
OUT = 10mA, VEN = 1.7V, and
C
OUT = 0.1µF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)(2)
1.7
5.5
V
VFB
Internal reference (TPS73601)
TJ = 25°C
1.198
1.20
1.210
V
Output voltage range
VFB
5.5 - VDO
V
(TPS73601)
VOUT
Nominal
TJ = 25°C
-0.5
+0.5
Accuracy(1)
%
over VIN, IOUT,
VOUT + 0.5V ≤ VIN≤ 5.5V;
-1.0
±0.5
+1.0
and T
10mA
≤ I
OUT≤ 400mA
∆V
OUT%/∆VIN
Line regulation(1)
VO(nom) + 0.5V≤ VIN≤ 5.5V
0.01
%/V
1mA
≤ I
OUT≤ 400mA
0.002
∆V
OUT%/∆IOUT
Load regulation
%/mA
10mA
≤ I
OUT≤ 400mA
0.0005
Dropout voltage(3)
VDO
IOUT = 400mA
75
200
mV
(VIN = VOUT(nom) - 0.1V)
ZO(DO)
Output impedance in dropout
1.7V
≤ V
IN≤ VOUT + VDO
0.25
VOUT = 0.9 × VOUT(nom)
400
650
800
mA
ICL
Output current limit
3.6V
≤ V
IN≤ 4.2V, 0°C ≤ TJ≤ 70°C
500
800
mA
ISC
Short-circuit current
VOUT = 0V
450
mA
IREV
Reverse leakage current(4) (-IIN)
VEN ≤ 0.5V, 0V≤ VIN≤ VOUT
0.1
10
µA
IOUT = 10mA (IQ)
400
550
IGND
Ground pin current
µA
IOUT = 400mA
800
1000
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5V, VOUT≤ VIN≤ 5.5
0.02
1
µA
IFB
FB pin current (TPS73601)
0.1
0.3
µA
f = 100Hz, IOUT = 400mA
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10KHz, IOUT = 400mA
37
COUT = 10µF, No CNR
27 × VOUT
Output noise voltage
VN
µVRMS
BW = 10Hz - 100KHz
COUT = 10µF, CNR = 0.01µF
8.5 × VOUT
VOUT = 3V, RL = 30Ω COUT = 1µF,
tSTR
Startup time
600
µs
CNR = 0.01µF
VEN(HI)
Enable high (enabled)
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.5
V
IEN(HI)
Enable pin current (enabled)
VEN = 5.5V
0.02
0.1
µA
Shutdown, temperature increasing
160
TSD
Thermal shutdown temperature
°C
Reset, temperature decreasing
140
TJ
Operating junction temperature
-40
125
°C
(1)
Minimum VIN = VOUT +VDO or 1.7V, whichever is greater.
(2)
For VOUT(nom) <1.6V, when VIN≤ 1.6V, the output will lock to VIN and may result in a damaging over-voltage level on the output. To avoid
this situation, disable the device before powering down the VIN.
(3)
VDO is not measured for the TPS73615 (VOUT(nom) = 1.5V) since minimum VIN = 1.7V.
(4)
Refer to Applications section for more information.
3


Similar Part No. - TPS73632DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73632DBVT TI-TPS73632DBVT Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73632DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731XX TI-TPS731XX Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com