Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2360 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2360
Description  Complete Dual-Band Quadrature Transmitters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2360 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2360 Datasheet HTML 7Page - Maxim Integrated Products MAX2360 Datasheet HTML 8Page - Maxim Integrated Products MAX2360 Datasheet HTML 9Page - Maxim Integrated Products MAX2360 Datasheet HTML 10Page - Maxim Integrated Products MAX2360 Datasheet HTML 11Page - Maxim Integrated Products MAX2360 Datasheet HTML 12Page - Maxim Integrated Products MAX2360 Datasheet HTML 13Page - Maxim Integrated Products MAX2360 Datasheet HTML 14Page - Maxim Integrated Products MAX2360 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Complete Dual-Band
Quadrature Transmitters
______________________________________________________________________________________
11
Detailed Description
The MAX2360 complete quadrature transmitter accepts
differential I/Q baseband inputs with external common-
mode bias. A modulator upconverts this to IF frequency
in the 120MHz to 300MHz range. A gain control voltage
pin (VGC) controls the gain of both the IF and RF VGAs
simultaneously to achieve best noise and linearity per-
formance. The IF signal is brought off-chip for filtering,
then fed to a single sideband upconverter followed by
the RF VGA and PA driver. The RF upconverter requires
an external VCO for operation. The IF PLL, RF PLL, and
operating mode can be programmed by an SPI/QSPI/
MICROWIRE-compatible 3-wire interface.
The following sections describe each block in the
MAX2360 Functional Diagram.
I/Q Modulator
Differential in-phase (I) and quadrature-phase (Q) input
pins are designed to be DC-coupled and biased with the
baseband output from a digital-to-analog converter
(DAC). I and Q inputs need a DC bias of VCC/2 and a
current-drive capability of 6µA. Common-mode voltage
will work within a +1.35V to (VCC - 1.25V) range.
Typically, I and Q will be driven differentially with a
200mVRMS baseband signal. Optionally, I and Q may be
programmed for 100mVRMS operation with the IQ_LEVEL
bit in the configuration register. The IF VCO output is fed
into a divide-by-two/quadrature generator block to derive
quadrature components to drive the IQ modulator. The
output of the modulator is fed into the VGA.
IF VCOs
There are two VCOs to support high IF and low IF appli-
cations. The VCOs oscillate at twice the desired IF fre-
quency. Oscillation frequency is determined by external
tank components (see Applications Information).
Typical phase-noise performance for the tank is as
shown in Table 1. The high-band and low-band VCOs
can be selected independently of the IF port being
used.
IFLO Output Buffer
IFLO provides a buffered LO output when BUF_EN is 1.
The IFLO output frequency is equal to the VCO fre-
quency when BUF_DIV is 0, and half the VCO frequen-
cy when BUF_DIV is 1. The output power is -6dBm. This
output is intended for applications where the receive IF
is the same frequency as the transmit IF.
IF/RF PLL
The IF/RF PLL uses a charge-pump output to drive a
loop filter. The loop filter will typically be a passive sec-
ond-order lead lag filter. Outside the filter’s bandwidth,
phase noise will be determined by the tank compo-
nents. The two components that contribute most signifi-
cantly to phase noise are the inductor and varactor.
Use high-Q inductors and varactors to maximize equiv-
alent parallel resistance. The IF_TURBO_CHARGE and
the RF_TURBO_CHARGE bits in the CONFIG register
can be set to 1 to enable turbo mode. Turbo mode pro-
vides maximum charge-pump current during frequency
acquisition. Turbo mode is disabled after the second
transition from phase lead to phase lag or from phase
lag to phase lead. Turbo mode is also disabled after
frequency acquisition is achieved. When turbo mode is
disabled, charge-pump current will return to the pro-
grammed levels as set by ICP and RCP bits in the
CONFIG register (Table 4).
IF VGA
The IF VGA allows varying an IF output level that is con-
trolled by the VGC. The voltage range on VGC of 0.5V
to 2.6V. provide a gain-control range of 85dB. There
are two differential IF output ports from the VGA.
IFOUTL+/IFOUTL- are optimized for low IF operation
(120MHz to 235MHz) for IFOUTH+/IFOUTH- support
high IF operation (120MHz to 300MHz). IFOUTL ports
support direct VCO FM modulation. The differential IF
output port has an output impedance of 600
Ω when
pulled up to VCC through a choke.
Single Sideband Mixer
The RF transmit mixer uses a single sideband architec-
ture to eliminate an off-chip RF filter. The single sideband
mixer has IF input stages that correspond to IF output
ports of the VGA. The mixer is followed by the RF VGA.
The RF VGA is controlled by the same VGC pin as the IF
VGA to provide optimum linearity and noise perfor-
mance. The total power control range is >100dB.
PA Driver
The MAX2360 includes three power-amplifier (PA) dri-
vers. Each is optimized for the desired operating fre-
quency. RFL is optimized for cellular-band operation.
Table 1. Typical VCO Phase Noise
(IF = 130.38MHz)
30
12.5
1
OFFSET (kHz)
PHASE NOISE (dBc)
-80
-105
-111
900
120
-121
-128


Similar Part No. - MAX2360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX236 MAXIM-MAX236 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX236 MAXIM-MAX236 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX236 MAXIM-MAX236 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2361EVKIT MAXIM-MAX2361EVKIT Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
More results

Similar Description - MAX2360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2366 MAXIM-MAX2366 Datasheet
270Kb / 22P
   Complete Dual-Band Quadrature Transmitters
Rev 0; 7/00
logo
List of Unclassifed Man...
MAX2369EGM ETC-MAX2369EGM Datasheet
237Kb / 16P
   Complete Dual-Band Quadrature Transmitter
logo
Maxim Integrated Produc...
MAX2369 MAXIM-MAX2369 Datasheet
228Kb / 16P
   Complete Dual-Band Quadrature Transmitter
Rev 1; 10/01
MAX2370 MAXIM-MAX2370 Datasheet
371Kb / 19P
   Complete 450MHz Quadrature Transmitter
Rev 0; 5/05
logo
Analog Devices
AD9854 AD-AD9854 Datasheet
433Kb / 44P
   CMOS 300 MHz Quadrature Complete-DDS
REV. 0
AD9854 AD-AD9854_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com