Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40D751K Datasheet(PDF) 4 Page - Ceramate Technical

Part # 40D751K
Description  QUALITY APPROVAL and STRUCTURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

40D751K Datasheet(HTML) 4 Page - Ceramate Technical

  40D751K Datasheet HTML 1Page - Ceramate Technical 40D751K Datasheet HTML 2Page - Ceramate Technical 40D751K Datasheet HTML 3Page - Ceramate Technical 40D751K Datasheet HTML 4Page - Ceramate Technical 40D751K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPE
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
MODEL
錯誤
錯誤
錯誤
錯誤! 連
結無效
結無效
結無效
結無效。
PAGE
4/5
CITATION
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
DATE
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
3. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
3.0
Standard Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5〜35℃
Relative humidity:
45〜85 % RH
3.1
Maximum Allowable
Voltage
AC : *
*(2) Vrms
DC : *
*(2) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
3.2
Varistor Voltage
V1mA : *
*(2) V
Voltage across the varistor measured at CmA DC.
3.3
Varistor Voltage
Temperature
Coefficient
0 〜
−−−−0.05 %/℃
VCmA at 85℃ - VCmA at 25℃
1
VCmA at 25℃
60
3.4
Max. Clamping
Voltage
*(2) V at
*(2) A
Peak voltage across the varistor with a specified
peak impulse current of 8× 20μs waveform.
The max. current within the varistor voltage
change of less than ± 10% when one impulse
current (8× 20μs) applied.
3.5
Withstanding Surge
Current
*(2) A
The max. current with a varistor voltage change
of less than ± 10% when two times impulse
current (8× 20μs) are applied at intervals of 5
minutes.
3.6
Energy
*(2) Joule
The max. energy absorbed with a varistor voltage
change of less than ± 10% when one impulse(10
× 1000μs) is applied.
3.7
Surge Life
*(2) A
The max. current with a varistor voltage change
of less than ± 10% when 10,000 times impulse
current (8× 20μs) are applied at intervals of 20
seconds at room temperature.
*(2) See Page 5
×
× 100


Similar Part No. - 40D751K

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
40D751K RUILON-40D751K Datasheet
811Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D751K SUNMATE-40D751K Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
logo
Shanghai Leiditech Elec...
40D751K LEIDITECH-40D751K Datasheet
394Kb / 4P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
40D751K UNSEMI-40D751K Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
40D751KJ UNSEMI-40D751KJ Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 40D751K

ManufacturerPart #DatasheetDescription
logo
HYCON Technology Corpor...
HY15P HYCON-HY15P Datasheet
1Mb / 15P
   Quality Approval Sheet
HY13P HYCON-HY13P Datasheet
1Mb / 15P
   Quality Approval Sheet
HY10P HYCON-HY10P Datasheet
1Mb / 15P
   Quality Approval Sheet
HY313X HYCON-HY313X Datasheet
1Mb / 15P
   Quality Approval Sheet
HY2113 HYCON-HY2113 Datasheet
1Mb / 15P
   Quality Approval Sheet
HY2215 HYCON-HY2215 Datasheet
1Mb / 15P
   Quality Approval Sheet
HY2216 HYCON-HY2216 Datasheet
1Mb / 15P
   Quality Approval Sheet
HY11P HYCON-HY11P Datasheet
1Mb / 15P
   Quality Approval Sheet
HY12P HYCON-HY12P Datasheet
1Mb / 15P
   Quality Approval Sheet
HY46XX HYCON-HY46XX Datasheet
1Mb / 15P
   Quality Approval Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com