Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73630DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73630DBVR
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73630DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73630DBVR Datasheet HTML 7Page - Texas Instruments TPS73630DBVR Datasheet HTML 8Page - Texas Instruments TPS73630DBVR Datasheet HTML 9Page - Texas Instruments TPS73630DBVR Datasheet HTML 10Page - Texas Instruments TPS73630DBVR Datasheet HTML 11Page - Texas Instruments TPS73630DBVR Datasheet HTML 12Page - Texas Instruments TPS73630DBVR Datasheet HTML 13Page - Texas Instruments TPS73630DBVR Datasheet HTML 14Page - Texas Instruments TPS73630DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Input and Output Capacitor Requirements
Output Noise
TPS736xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional output capacitor.
May improve load transient,
noise, or PSRR.
Optional bypass
capacitor to reduce
output noise.
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
V
N(mVRMS)
+ 27
mVRMS
V
V
OUT(V)
(2)
TPS736xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
V
OUT =
× 1.204
(R
1 + R2)
R
1
R
1
C
FB
R
2
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional output capacitor.
May improve load transient,
noise, or PSRR.
Optional capacitor
reduces output noise
and improves
transient response.
V
N(mVRMS)
+ 8.5
mVRMS
V
V
OUT(V)
(3)
TPS736xx
SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
The TPS736xx belongs to a family of new generation
LDO regulators that use an NMOS pass transistor to
achieve ultra-low-dropout performance, reverse cur-
Although an input capacitor is not required for stab-
rent blockage, and freedom from output capacitor
ility, it is good analog design practice to connect a
constraints. These features, combined with low noise
0.1µF to 1µF low ESR capacitor across the input
and an enable input, make the TPS736xx ideal for
supply near the regulator. This will counteract reac-
portable applications. This regulator family offers a
tive input sources and improves transient response,
wide selection of fixed output voltage versions and an
noise rejection, and ripple rejection. A higher-value
adjustable output version. All versions have thermal
capacitor may be necessary if large, fast rise-time
and over-current protection, including foldback cur-
load transients are anticipated or the device is lo-
rent limit.
cated several inches from the power source.
Figure 31 shows the basic circuit connections for the
The TPS736xx does not require an output capacitor
fixed voltage models. Figure 32 gives the connections
for stability and has maximum phase margin with no
for the adjustable output version (TPS73601). R1 and
capacitor. It is designed to be stable for all available
R2 can be calculated for any output voltage using the
types and values of capacitors. In applications where
formula in Figure 32. Sample resistor values for
VIN – VOUT < 0.5V and multiple low ESR capacitors
common output voltages are shown in Figure 2. For
are in parallel, ringing may occur when the product of
best accuracy, make the parallel combination of R1
COUT and total ESR drops below 50nΩF. Total ESR
and R2 approximately 19kΩ.
includes all parasitic resistances, including capacitor
ESR and board, socket, and solder joint resistance.
In most applications, the sum of capacitor ESR and
trace resistance will meet this requirement.
A precision band-gap reference is used to generate
the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS736xx and
it
generates
approximately
32µVRMS (10Hz
to
100kHz) at the reference output (NR). The regulator
control loop gains up the reference noise with the
same gain as the reference voltage, so that the noise
voltage of the regulator is approximately given by:
Figure 31. Typical Application Circuit for
Fixed-Voltage Versions
Since the value of VREF is 1.2V, this relationship
reduces to:
for the case of no CNR.
An internal 27k
Ω resistor in series with the noise
reduction pin (NR) forms a low-pass filter for the
voltage reference when an external noise reduction
capacitor, CNR, is connected from NR to ground. For
CNR = 10nF, the total noise in the 10Hz to 100kHz
bandwidth is reduced by a factor of ~3.2, giving the
approximate relationship:
Figure 32. Typical Application Circuit for
Adjustable-Voltage Versions
for CNR = 10nF.
11


Similar Part No. - TPS73630DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73630DBVR TI-TPS73630DBVR Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73630DBVR TI-TPS73630DBVR Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73630DBVR TI-TPS73630DBVR Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73630DBVR TI-TPS73630DBVR Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73630DBVR TI-TPS73630DBVR Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73630DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731XX TI-TPS731XX Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com