Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDC37M70X Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part No. FDC37M70X
Description  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 92 page
background image
92
Register Definitions
The register definitions are based on the
standard IBM addresses for LPT.
All of the
standard printer ports are supported.
The
additional registers attach to an upper bit
decode of the standard LPT port definition to
avoid conflict with standard ISA devices. The
port is equivalent to a generic parallel port
interface and may be operated in that mode.
The port registers vary depending on the mode
field in the ecr. The table below lists these
dependencies. Operation of the devices in
modes other that those specified is undefined.
Table 37 - ECP Register Definitions
NAME
ADDRESS (Note 1)
ECP MODES
FUNCTION
data
+000h R/W
000-001
Data Register
ecpAFifo
+000h R/W
011
ECP FIFO (Address)
dsr
+001h R/W
All
Status Register
dcr
+002h R/W
All
Control Register
cFifo
+400h R/W
010
Parallel Port Data FIFO
ecpDFifo
+400h R/W
011
ECP FIFO (DATA)
tFifo
+400h R/W
110
Test FIFO
cnfgA
+400h R
111
Configuration Register A
cnfgB
+401h R/W
111
Configuration Register B
ecr
+402h R/W
All
Extended Control Register
Note 1: These addresses are added to the parallel port base address as selected by configuration
register or jumpers.
Note 2: All addresses are qualified with AEN. Refer to the AEN pin definition.
Table 38 - Mode Descriptions
MODE
DESCRIPTION*
000
SPP mode
001
PS/2 Parallel Port mode
010
Parallel Port Data FIFO mode
011
ECP Parallel Port mode
100
EPP mode (If this option is enabled in the configuration registers)
101
Reserved
110
Test mode
111
Configuration mode
*Refer to ECR Register Description




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDC37B80XPC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up 1 2 3 4 5 MoreSMSC Corporation
FDC37M81PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up 1 2 3 4 5 MoreSMSC Corporation
LPC47M112ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
LPC47B37X100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications 1 2 3 4 5 MoreSMSC Corporation
LPC47M112-MCENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
37B77XENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES 1 2 3 4 5 MoreSMSC Corporation
FDC37B78XEnhanced Super I/O Controller with ACPI Support Real Time Clock and Consumer IR 1 2 3 4 5 MoreSMSC Corporation
37C67XENHANCED SUPER I/O CONTROLLER WITH FAST IR 1 2 3 4 5 MoreSMSC Corporation
LPC47M10X100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications 1 2 3 4 5 SMSC Corporation
FDC37B727128 Pin Enhanced Super I/O Controller with ACPI Support 1 2 3 4 5 MoreSMSC Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl