Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDC37M70X Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part No. FDC37M70X
Description  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 62 page
background image
62
Configure
The Configure command is issued to select the
special features of the FDC.
A Configure
command need not be issued if the default
values
of
the
FDC
meet
the
system
requirements.
Configure Default Values:
EIS - No Implied Seeks
EFIFO - FIFO Disabled
POLL - Polling Enabled
FIFOTHR - FIFO Threshold Set to 1 Byte
PRETRK - Pre-Compensation Set to Track 0
EIS - Enable Implied Seek. When set to "1", the
FDC will perform a Seek operation before
executing a read or write command. Defaults to
no implied seek.
EFIFO - A "1" disables the FIFO (default). This
means data transfers are asked for on a byte-
by-byte basis.
Defaults to "1", FIFO disabled.
The threshold defaults to "1".
POLL - Disable polling of the drives. Defaults to
"0", polling enabled.
When enabled, a single
interrupt is generated after a reset. No polling is
performed while the drive head is loaded and
the head unload delay has not expired.
FIFOTHR - The FIFO threshold in the execution
phase of read or write commands. This is
programmable from 1 to 16 bytes. Defaults to
one byte. A "00" selects one byte; "0F" selects
16 bytes.
PRETRK
-
Pre-Compensation
Start
Track
Number.
Programmable from track 0 to 255.
Defaults to track 0. A "00" selects track 0; "FF"
selects track 255.
Version
The Version command checks to see if the
controller is an enhanced type or the older type
(765A). A value of 90 H is returned as the result
byte.
Relative Seek
The command is coded the same as for Seek,
except for the MSB of the first byte and the DIR
bit.
DIR
Head Step Direction Control
RCN
Relative
Cylinder
Number
that
determines how many tracks to step the
head in or out from the current track
number.
The Relative Seek command differs from the
Seek command in that it steps the head the
absolute number of tracks specified in the
command instead of making a comparison
against
an
internal
register.
The
Seek
command is good for drives that support a
maximum of 256 tracks. Relative Seeks cannot
be overlapped with other Relative Seeks. Only
one Relative Seek can be active at a time.
Relative Seeks may be overlapped with Seeks
and Recalibrates.
Bit 4 of Status Register 0
(EC) will be set if Relative Seek attempts to step
outward beyond Track 0.
As an example, assume that a floppy drive has
300 useable tracks.
The host needs to read
track 300 and the head is on any track (0-255).
If a Seek command is issued, the head will stop
at track 255.
If a Relative Seek command is
issued, the FDC will move the head the
specified number of tracks, regardless of the
internal
cylinder
position
register
(but
will
increment the register). If the head was on track
40 (d), the maximum track that the FDC could
position the head on using Relative Seek will be
295 (D), the initial track + 255 (D).
The
maximum count that the head can be moved
DIR
ACTION
0
1
Step Head Out
Step Head In




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDC37B80XPC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up 1 2 3 4 5 MoreSMSC Corporation
FDC37M81PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up 1 2 3 4 5 MoreSMSC Corporation
LPC47M112ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
LPC47B37X100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications 1 2 3 4 5 MoreSMSC Corporation
LPC47M112-MCENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
37B77XENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES 1 2 3 4 5 MoreSMSC Corporation
FDC37B78XEnhanced Super I/O Controller with ACPI Support Real Time Clock and Consumer IR 1 2 3 4 5 MoreSMSC Corporation
37C67XENHANCED SUPER I/O CONTROLLER WITH FAST IR 1 2 3 4 5 MoreSMSC Corporation
LPC47M10X100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications 1 2 3 4 5 SMSC Corporation
FDC37B727128 Pin Enhanced Super I/O Controller with ACPI Support 1 2 3 4 5 MoreSMSC Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl