Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDC37M70X Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part No. FDC37M70X
Description  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 57 page
background image
57
Format A Track
The Format command allows an entire track to
be formatted. After a pulse from the IDX pin is
detected, the FDC starts writing data on the disk
including gaps, address marks, ID fields, and
data fields per the IBM System 34 or 3740
format (MFM or FM respectively). The particular
values that will be written to the gap and data
field are controlled by the values programmed
into N, SC, GPL, and D which are specified by
the host during the command phase. The data
field of the sector is filled with the data byte
specified by D. The ID field for each sector is
supplied by the host; that is, four data bytes per
sector are needed by the FDC for C, H, R, and
N (cylinder, head, sector number and sector size
respectively).
After formatting each sector, the host must send
new values for C, H, R and N to the FDC for the
next sector on the track. The R value (sector
number) is the only value that must be changed
by the host after each sector is formatted. This
allows
the
disk
to
be
formatted
with
nonsequential sector addresses (interleaving).
This incrementing and formatting continues for
the whole track until the FDC encounters a pulse
on the IDX pin again and it terminates the
command.
Table 25 contains typical values for gap fields
which are dependent upon the size of the sector
and the number of sectors on each track. Actual
values can vary due to drive electronics.
FORMAT FIELDS
SYSTEM 34 (DOUBLE DENSITY) FORMAT
GAP4a
80x
4E
SYNC
12x
00
IAM
GAP1
50x
4E
SYNC
12x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
22x
4E
SYNC
12x
00
DATA
AM
DATA
C
R
C
GAP3
GAP 4b
3x
C2
FC
3x
A1
FE
3x
A1
FB
F8
SYSTEM 3740 (SINGLE DENSITY) FORMAT
GAP4a
40x
FF
SYNC
6x
00
IAM
GAP1
26x
FF
SYNC
6x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
11x
FF
SYNC
6x
00
DATA
AM
DATA
C
R
C
GAP3
GAP 4b
FC
FE
FB or
F8
PERPENDICULAR FORMAT
GAP4a
80x
4E
SYNC
12x
00
IAM
GAP1
50x
4E
SYNC
12x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
41x
4E
SYNC
12x
00
DATA
AM
DATA
C
R
C
GAP3
GAP 4b
3x
C2
FC
3x
A1
FE
3x
A1
FB
F8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDC37B80XPC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up 1 2 3 4 5 MoreSMSC Corporation
FDC37M81PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up 1 2 3 4 5 MoreSMSC Corporation
LPC47M112ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
LPC47B37X100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications 1 2 3 4 5 MoreSMSC Corporation
LPC47M112-MCENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
37B77XENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES 1 2 3 4 5 MoreSMSC Corporation
FDC37B78XEnhanced Super I/O Controller with ACPI Support Real Time Clock and Consumer IR 1 2 3 4 5 MoreSMSC Corporation
37C67XENHANCED SUPER I/O CONTROLLER WITH FAST IR 1 2 3 4 5 MoreSMSC Corporation
LPC47M10X100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications 1 2 3 4 5 SMSC Corporation
FDC37B727128 Pin Enhanced Super I/O Controller with ACPI Support 1 2 3 4 5 MoreSMSC Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl