Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G175GF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP1G175GF
Description  Low-power D-type flip-flop with reset; positive-edge trigger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G175GF Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G175GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74AUP1G175_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.xx — 27 March 2006
4 of 26
Philips Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 4.
Pin configuration SOT363 (SC-88)
Fig 5.
Pin configuration SOT886 (XSON6)
Fig 6.
Pin configuration SOT891 (XSON6)
74AUP1G175
5
6MR
2
GND
1
CP
3
D
VCC
4Q
001aaa467
74AUP1G175
GND
001aab657
CP
D
VCC
MR
Q
Transparent top view
2
3
1
5
4
6
74AUP1G175
GND
001aae246
CP
D
VCC
MR
Q
Transparent top view
2
3
1
5
4
6
Table 4:
Pin description
Symbol
Pin
Description
CP
1
clock input (LOW-to-HIGH, edge-triggered)
GND
2
ground (0 V)
D
3
data input
Q
4
flip-flop output
VCC
5
supply voltage
MR
6
master reset input (active LOW)


Similar Part No. - 74AUP1G175GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G175GF NXP-74AUP1G175GF Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
More results

Similar Description - 74AUP1G175GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
logo
NXP Semiconductors
74AUP1G175 NXP-74AUP1G175 Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
logo
Nexperia B.V. All right...
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com