Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY585A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGY585A
Description  CATV amplifier module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY585A Datasheet(HTML) 7 Page - NXP Semiconductors

  BGY585A Datasheet HTML 1Page - NXP Semiconductors BGY585A Datasheet HTML 2Page - NXP Semiconductors BGY585A Datasheet HTML 3Page - NXP Semiconductors BGY585A Datasheet HTML 4Page - NXP Semiconductors BGY585A Datasheet HTML 5Page - NXP Semiconductors BGY585A Datasheet HTML 6Page - NXP Semiconductors BGY585A Datasheet HTML 7Page - NXP Semiconductors BGY585A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1999 Mar 26
7
Philips Semiconductors
Product specification
CATV amplifier module
BGY585A
NOTES


Similar Part No. - BGY585A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
BGY585A NXP-BGY585A_01 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
More results

Similar Description - BGY585A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com