Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3005230W Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # OR3005230W
Description  Superior return loss performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

OR3005230W Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  OR3005230W Datasheet HTML 1Page - PREMIER DEVICES, INC. OR3005230W Datasheet HTML 2Page - PREMIER DEVICES, INC. OR3005230W Datasheet HTML 3Page - PREMIER DEVICES, INC. OR3005230W Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary Product Specification
OR3005230W
Si Optical Receiver, 5 – 300MHz, 190mA max. @ 24VDC
Page 1 of 4
2005 July 12
Document Revision Level B
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Excellent price/performance ratio
Low noise
Excellent flatness
APPLICATION
5 to 300 MHz CATV reverse amplifier systems
DESCRIPTION
Hybrid high dynamic range optical receiver amplifier
module. The module contains a single mode optical
input suitable for wavelengths from 1290 to 1600
nm, a terminal to monitor the PIN diode current and
an electrical output with an impedance of 75
Ω.
HANDLING
Fiberglass optical coupling: maximum tensile strength = 5 N;
minimum bending radius = 35mm.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL PARAMETER
MIN.
MAX.
UNIT
f
frequency range
5
300
MHz
Pin
optical input power (continuous)
-
5
mW
ESD
ESD sensivity
(human body model; R = 1.5 k
Ω, C = 100 pF)
500
V
Tstg
storage temperature
- 40
+ 85
°C
Tmb
operating mounting base temperature
- 20
+ 85
°C
CHARACTERISTICS
Table 1: Bandwidth 5 to 300MHz; VB = 24V; Tmb = 30°C; ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
responsivity
λ = 1310 nm
850.0
V/W
SL
slope straight line
f = 5 to 300 MHz
0.0
1.0
dB
FL
flatness straight line
f = 5 to 300 MHz
-
0.4
0.6
dB
optical input return loss
45.0
-
dB
S22
output return loss
f = 5 to 300 MHz
16.0
-
dB
EINC
equivalent input noise
f = 10 to 300 MHz
7.5
pA/√Hz
λ = 1310 +- 20 nm
0.8
-
A/W
sλ
spectral sensitivity
λ = 1550 +- 20 nm
0.90
-
A/W
λ
optical wavelength
1290
1600
nm
Itot
total current
consumption (DC)
5)
160
190
mA
OR3005230W
Si Optical Receiver
5 – 300MHz
190mA max. @ 24VDC


Similar Part No. - OR3005230W

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3C55 AGERE-OR3C55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55 AGERE-OR3C55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55-4BA256 AGERE-OR3C55-4BA256 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55-4BA256I AGERE-OR3C55-4BA256I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55-4BA352 AGERE-OR3C55-4BA352 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3005230W

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
Maxim Integrated Produc...
MAX4888B MAXIM-MAX4888B Datasheet
1Mb / 10P
   Superior Bandwidth Return Loss
Rev 0; 12/10
logo
E&E Magnetic Products L...
824-00270 EEMAGNETIC-824-00270 Datasheet
64Kb / 2P
   Enhanced crosstalk and return loss performance
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
824-00166 EEMAGNETIC-824-00166 Datasheet
142Kb / 3P
   Enhanced crosstalk and return loss performance
824-00261F EEMAGNETIC-824-00261F Datasheet
111Kb / 2P
   Enhanced crosstalk and return loss performance
logo
List of Unclassifed Man...
1505ABHDL ETC2-1505ABHDL Datasheet
896Kb / 4P
   Improved insulator materials sustain maximum return loss performance
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com