Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL2456 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL2456
Description  BL2456
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2456 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL2456 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2456 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4位MASK LCD型单片机芯片BL2456
http://www.belling.com.cn
- 4 -
8/24/2006
Total 11 Pages
Wrote by dipeng
INT1 is selectable.
Only INT0 is synchronized with
the system clock.
INT2
I
Quasi-interrupt with detection
of rising edge signals.
19
P1.2
Input
A-4
KS0–KS3
I/O
Quasi-interrupt
input
with
falling edge detection.
29-32
P6.0-P6.3
Input
D
CLO
I/O
CPU clock output.
23
P2.2
Input
D
BUZ
I/O
2, 4, 8 or 16 kHz frequency output
for buzzer sound with 4.19 MHz
main system clock or 32.768 kHz
subsystem clock.
24
P2.3
Input
D
XIN, XOUT
-
Crystal, ceramic or RC oscillator
pins for main system clock.
For external clock input, use XIN
and input XIN’s reverse phase to
XOUT.
12,11
-
-
-
XTIN, XTOUT
-
Crystal
oscillator
pins
for
subsystem clock.
For external clock input, use
XTIN and input XTIN’s reverse
phase to XTOUT.
14,15
-
-
-
VDD
-
Main power supply.
9
-
-
-
VSS
-
Ground.
10
-
-
-
RESET
-
Reset signal.
16
-
Input
B
TEST
-
Test signal input (must be
connected to VSS).
13
-
-
-
注:当 I / O 端口被设值为输出模式时上拉电阻自动禁止。
管脚电路图
管脚电路图
管脚电路图
管脚电路图:
Type A
Type C


Similar Part No. - BL2456

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL2450K06031T FRONTIER-BL2450K06031T Datasheet
170Kb / 2P
   Surface mount ceramic balun with a small size of 1.6 x 0.8 x 0.5 mm (0603 size).
BL2450K08051T FRONTIER-BL2450K08051T Datasheet
143Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08052T FRONTIER-BL2450K08052T Datasheet
302Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08054T FRONTIER-BL2450K08054T Datasheet
152Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com