Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL1302A57S Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL1302A57S
Description  BL1302A57
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1302A57S Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL1302A57S Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL1302A57S Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BL1302A57/S
http://www.belling.com.cn
- 8 -
8/28/2006
Total 12 Pages
Wrote by 2006
VFXI
+= -40dBm0~3dBm0
VFXI
+= -50dBm0~40dBm0
VFXI
+= -55dBm0~50dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
dB
dB
GRA
绝对接收增益
Ta=25℃,VCC=5V,VB=-5V 输
入:数字码序列 1020 Hz 的
0dBm0 信号
-0.25
0.25
dB
GRR
相对于 G
RA 的接收
增益
f=0~3000Hz
f=3300Hz
f=3400Hz
f=4000Hz
-0.15
-0.35
-0.7
0.15
0.05
0
-14
dB
dB
dB
dB
GRAT
绝对接收增益随温
度的变化
相对于 G
RA
-0.1
0.1
dB
GRAV
绝对接收增益随电
源电压的变化
-0.05
0.05
dB
GRRL
接收增益随电平变
正弦测试法,参考输入的 PCM
码相当于一个理想的译码的 PCM
电平
= -40dBm0~+3dBm0
= -50dBm0~40dBm0
= -55dBm0~50dBm0
-0.2
-0.4
-1.2
-0.2
-0.4
1.2
dB
dB
dB
VRO
接收输出驱动电平
RL=600
-2.5
2.5
V
包络延迟频率响应
包络延迟频率响应
包络延迟频率响应
包络延迟频率响应
DXA
发送绝对延时
f=1600Hz
290
315
μs
DXR
相对于 DXA 的发
送延时
f=500~600Hz
f=600~800Hz
f=800~1000Hz
f=1000~1600Hz
f=1600~2600Hz
f=2600Hz~2800 Hz
f=2800Hz~3000Hz
195
120
50
20
55
80
130
220
145
75
40
75
105
155
μs
μs
μs
μs
μs
μs
μs
DRA
绝对接收延时
f=1600Hz
270
290
μs
DRR
相对于 DRA 的接
收延时
f=500~1000Hz
f=1000~1600Hz
f=1600~2600Hz
f=2600~2800Hz
f=2800~3000Hz
-40
-30
-25
-20
70
100
145
90
125
175
μs
μs
μs
μs
μs
噪声
噪声
噪声
噪声
NXP
发送噪声
-74
-67
dBm0P
NRP
接收噪声
PCM 码等于零
-82
-79
dBm0P
NRS
噪声单频
f=0~100kHz 环路,测
VFXI
+=0Vrms
-53
dBm0
PPSRX
正电源抑制发送
VFXI
+=-50dBm0
VCC=5.0VDC+100Vrms
f=0~50kHz
40
dBC
NPSRX
负电源抑制发送
VFXI
+=-50dBm0
VCC=-5.0VDC+100Vrms
40
dBC


Similar Part No. - BL1302A57S

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1302A67 BELLING-BL1302A67 Datasheet
688Kb / 15P
   BL1302A67
BL1302A67S BELLING-BL1302A67S Datasheet
688Kb / 15P
   BL1302A67
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com