Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC5117400BSJ Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC5117400BSJ
Description  4,194,304 WORD X 4 BIT DYNAMIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5117400BSJ Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC5117400BSJ Datasheet HTML 1Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 2Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 3Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 4Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 5Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 6Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 7Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 8Page - Toshiba Semiconductor TC5117400BSJ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DR16040794
Standard DRAM
TC5117400BSJ/BST-60/70
TOSHIBA AMERICA ELECTRONIC COMPONENTS, INC
.
5
PRELIMINARY
Electrical Characteristics and Recommended AC Operating Conditions (VCC = 5V ± 10%, Ta = 0~70°C) (Notes 6,7,8)
SYMBOL
PARAMETER
TC5117400BSJ/BST
UNIT
NOTES
-60
-70
MIN
MAX.
MIN
MAX
tRC
Random Read or Write Cycle Time
110
-
130
-
ns
tRMW
Read-Modify-Write Cycle
155
-
180
-
ns
tPC
Fast Page Mode Cycle Time
40
-
45
-
ns
tPRMW
Fast Page Mode Read-Modify-Write Cycle Time
85
-
95
-
ns
tRAC
Access Time from RAS
-60-
70
ns
9,14,
15
tCAC
Access Time from CAS
-
15
-
20
ns
9,14
tAA
Access Time from Column Address
-
30
-
35
ns
9,15
tCPA
Access Time from CAS Precharge
-
35
-
40
-
9
tCLZ
CAS to Output in Low-Z
0
-
0
-
ns
9
tOFF
Output Buffer Turn-off Delay
0
15
0
15
ns
10
tT
Transition Time (Rise and Fall)
3
50
3
50
ns
8
tRP
RAS Precharge Time
40
-
50
-
ns
tRAS
RAS Pulse Width
60
10,000
70
10,000
ns
tRASP
RAS Pulse Width (Fast Page Mode)
60
200,000
70
200,000
ns
tRSH
RAS Hold Time
15
-
20
-
ns
tRHCP
RAS Hold Time from CAS
Precharge (Fast Page Mode)
35-40
-
ns
tCSH
CAS Hold Time
60
-
70
-
ns
tCAS
CAS Pulse Width
15
10,000
20
10,000
ns
tRCD
RAS to CAS Delay Time
20
45
20
50
ns
14
tRAD
RAS to Column Address Delay Time
15
30
15
35
ns
15
tCRP
CAS to RAS Precharge Time
5
-
5
ns
tCP
CAS Precharge Time
10
-
10
-
ns
tASR
Row Address Set-Up Time
0
-
0
-
ns
tRAH
Row Address Hold Time
10
-
10
-
ns
tASC
Column Address Set-Up Time
0
-
0
-
ns
tCAH
Column Address Hold Time
10
-
15
-
ns
tRAL
Column Address to RAS Lead Time
30
-
35
-
ns
tRCS
Read Command Set-Up Time
0
-
0
-
ns
tRCH
Read Command Hold Time
0
-
0
-
ns
11
tRRH
Read Command Hold Time referenced to RAS
0-0
-
ns
11


Similar Part No. - TC5117400BSJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC511000J TOSHIBA-TC511000J Datasheet
2Mb / 19P
   SILICON GATE CMOS
TC511000J-10 TOSHIBA-TC511000J-10 Datasheet
2Mb / 19P
   SILICON GATE CMOS
TC511000J-12 TOSHIBA-TC511000J-12 Datasheet
2Mb / 19P
   SILICON GATE CMOS
TC511000J-85 TOSHIBA-TC511000J-85 Datasheet
2Mb / 19P
   SILICON GATE CMOS
TC511000P TOSHIBA-TC511000P Datasheet
2Mb / 19P
   SILICON GATE CMOS
More results

Similar Description - TC5117400BSJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
logo
Toshiba Semiconductor
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com