Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV72W10-32AWL Datasheet(PDF) 6 Page - ITT Industries

Part # PV72W10-32AWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV72W10-32AWL Datasheet(HTML) 6 Page - ITT Industries

Back Button PV72W10-32AWL Datasheet HTML 2Page - ITT Industries PV72W10-32AWL Datasheet HTML 3Page - ITT Industries PV72W10-32AWL Datasheet HTML 4Page - ITT Industries PV72W10-32AWL Datasheet HTML 5Page - ITT Industries PV72W10-32AWL Datasheet HTML 6Page - ITT Industries PV72W10-32AWL Datasheet HTML 7Page - ITT Industries PV72W10-32AWL Datasheet HTML 8Page - ITT Industries PV72W10-32AWL Datasheet HTML 9Page - ITT Industries PV72W10-32AWL Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.ittcannon.com
162
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Contact Arrangements
Alternate Insert Positions
Face view, pin insert
Face view, pin insert
Shell Size
No. of Contacts
Service Rating
8-33*
3-#20
I
14-12
4-#16, 8-#20
I
14-15
1-#16, 14-#20
I
14-18
18-#20
I
16-8
8-#16
II
16-23
1-#16, 22-#20
I
16-26
26-#20
I
18-8
8-#12
I
22-21
21-#16
II
20-41
41-#20
I
20-39
2-#16, 37-#20
I
20-16
16-#16
II
18-32
32-#20
I
18-11
11-#16
II
22-41
24-#20, 14-#16
I
SHELL
SIZE
Shell
Contact Cavities
Contact
Arrangements
8
N
33
98
6
3
8
10
4
5
12
15
18
19
8
23
26
8
11
32
16
39
41
21
41
55
19
31
61
90˚
-
90˚
-
90˚
60˚
45˚
40˚
43˚
17˚
15˚
30˚
54˚
158˚
60˚
180˚
62˚
85˚
238˚
63˚
45˚
16˚
39˚
30˚
30˚
90˚
90˚
-
-
-
-
112˚
155˚
-
92˚
90˚
110˚
90˚
165˚
152˚
270˚
-
-
119˚
138˚
318˚
144˚
126˚
135˚
135˚
142˚
165˚
225˚
180˚
-
-
-
180˚
203˚
270˚
-
184˚
-
155˚
180˚
315˚
180˚
-
275˚
-
241˚
222˚
333˚
252˚
225˚
175˚
264˚
226˚
315˚
225˚
270˚
-
-
-
-
292˚
295˚
-
273˚
-
234˚
270˚
-
331˚
-
338˚
-
340˚
265˚
347˚
333˚
-
349˚
-
314˚
-
-
324˚
10
12
14
16
18
20
22
24
ARRANGE-
MENT
POS CODE
X
N
W
Y
Z
22-55
55-#20
I
24-19
19-#12
II
24-31
31-#16
I
24-61
61-#20
I
14-19
19-#20
I
8-98*
3-#20
I
10-6
6-#20
I
12-3
3-#16
II
12-8
8-#20
I
12-10
10-#20
I
14-4
4-#12
I
14-5
5-#16
II
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Contact arrangements requiring reduced diameter
for lead-in chamfer on outer row of contact cavities
as indicated below.
* Layouts are available in shell styles MS3470 and MS3476 only.
8
12
14
14
14
16
18
22
33, 38
10
12
18
19
26
32
41
A, B, C
C, G
A, B, C, D, E, F, G, and H
A, C, E, G, J, and L
B, D, F, H, K, and M
A, B, C, D, E, F, G, H, J, K, L, M, N,
P, and R)
A, B, C, D, E, F,G, H, J, K, L, M, N,
P, R, S, and T
A, B, C, D, E, F, G, H, J, K, L, M, N,
P, R, S, T, U, V, W, X, and Y
A
A
A
A
A
A
A
A
J
K
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
F
F
G
G
H
H
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
F
F
F
F
G
G
G
G
H
H
H
H
J
J
K
K
L
L
M
M
N
N
P
P
R
R
T
T
U
U
V
V
W
W
X
X
Y
Y
Z
Z
a
b
c
S
S
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
J
J
K
K
L
L
M
M
N
N
P
P
R
R
T
T
U
U
V
V
W
W
X
X
Y
Z
a
b
c
d
e
f
g
h
j
k
l
m
n
p
r
s
t
u
S
S
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
J
J
K
K
L
L
M
M
N
N
P
P
R
R
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
l
m
n
p
s
t
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
F
F
F
F
G
G
G
G
H
H
H
H
J
J
J
J
K
K
K
K
L
L
L
L
M
M
M
N
N
N
P
P
P
R
R
R
T
T
T
U
U
U
V
V
V
W
W
W
X
X
X
Y
Y
Y
Z
Z
Z
a
a
a
b
b
b
c
c
c
d
d
d
e
e
e
f
f
f
g
g
g
h
h
h
j
j
j
k
k
l
l
m
m
n
n
r
r
p
p
s
s
t
t
u
u
v
w
x
z
AA
BB
CC
DD
EE
FF
GG
HH
S
A
AA
BB
CC
DD
EE
FF
GG
HH
JJ
KK
LL
MM
NN
PP
A
A
B
B
B
C
C
C
D
D
D
E
E
E
F
F
F
G
G
G
H
H
H
J
J
J
K
K
K
L
L
L
M
M
M
N
N
N
P
P
Q
P
R
R
R
T
T
T
U
U
U
V
V
V
W
W
X
X
Y
Y
Z
Z
a
a
b
b
c
c
d
d
e
e
f
f
g
g
h
j
k
i
m
n
r
z
y
x
w
v
u
p
q
s
t
S
S
S
S
S
S
A
A
A
A
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
F
F
F
F
G
G
G
G
H
H
H
H
J
J
J
J
K
K
K
K
L
L
L
L
M
M
M
M
N
N
N
P
P
P
R
R
R
T
T
U
U
V
S
S
B
C
B
C
D
E
F
B
B
C
C


Similar Part No. - PV72W10-32AWL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV7 E-SWITCH-PV7 Datasheet
138Kb / 1P
   Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
   PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K3225 SEI-PV75K3225 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV72W10-32AWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com