Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF0045M-03ATXX Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MF0045M-03ATXX
Description  8/16-bit Data Bus Flash ATA PC Card
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0045M-03ATXX Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MF0045M-03ATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF0045M-03ATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MITSUBISHI STORAGE CARD
ATA PC CARDS
MITSUBISHI
ELECTRIC
4
1997.Nov. Rev. 1.2
Attribute Memory Select[REG#]
(PC Card Memory Mode)
I
61
When this signal is asserted, access is limited to
Attribute Memory with OE#/WE# and I/O Space with
Attribute Memory Select[REG#]
(PC Card I/O Mode)
IORD#/IOWR#.
Attribute Memory Select[REG#]
(IDE ATA Interface)
This input signal is not used for this mode and
should be connected to Vcc by the host.
Battery Voltage Detect[BVD2]
(PC Card Memory Mode)
O
62
This output is driven to a high-level.
Audio Digital Waveform[SPKR#]
(PC Card I/O Mode)
SPKR# is kept negated because this Card does not
have digital audio output.
DASP#
(IDE ATA Interface)
I/O
This signal is the DISK Active/Slave Present signal
in the Master/Slave handshake protocol.
Card Reset[RESET]
(PC Card Memory Mode)
I
58
By assertion of this signal, all registers of this Card
are cleared. This signal should be kept to High-Z by
Card Reset[RESET]
(PC Card I/O Mode)
the host for at least 1ms after Vcc applied.
Card Reset[RESET#]
(IDE ATA Interface)
This input pin is the active low hardware reset from
the host.
Wait[WAIT#]
(PC card Memory Mode)
O
59
This signal is asserted to delay completion of the
memory or I/O access cycle.
Wait[WAIT#]
(PC card I/O Mode)
IORDY
(IDE ATA Interface)
Input Port Acknowledge[INPACK#]
(PC Card I/O Mode)
O
60
This signal is asserted when the Card is selected
and can respond to an I/O Read cycle at the
Input Port Acknowledge[INPACK#]
(IDE ATA Interface)
address on the address bus.
Battery Voltage Detect[BVD1]
(PC Card Memory Mode)
O
63
This output is driven to a high-level.
STSCHG#
(PC Card I/O Mode)
This signal is asserted low to alert the host to
changes in the status of Configuration Status
Register in the Attribute Memory Space.
PDIAG#
(IDE ATA Interface)
I/O
This signal is the Pass Diagnostic signal in the
Master/Slave handshake protocol.
Voltage Sense[VS1, VS2]
O
43, 57
VS1 is grounded so that the Card CIS can be read
at 3.3V and VS2 is N.C.
Cable Select[CSEL]
(PC card Memory Mode)
-
56
This signal is not used for this mode.
Cable Select[CSEL]
(PC card I/O Mode)
-
Cable Select[CSEL]
(IDE ATA Interface)
I
This signal is used to configure this Card as a
Master or a Slave. When this signal is grounded,
this Card is configured as a Master. When this
signal is Open, this Card is configure as a Slave.
Vcc
-
17, 51
5V or 3.3V power.
GND
-
1, 34, 35, 68
Ground.


Similar Part No. - MF0045M-03ATXX

ManufacturerPart #DatasheetDescription
logo
C&K Components
MF00 CK-COMPONENTS-MF00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Mitsubishi Electric Sem...
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-11ATXX MITSUBISHI-MF0032M-11ATXX Datasheet
584Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-04AAXX MITSUBISHI-MF0064M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
More results

Similar Description - MF0045M-03ATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-11ATXX MITSUBISHI-MF0032M-11ATXX Datasheet
584Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com