Electronic Components Datasheet Search |
|
LCGDF5T10JCE Datasheet(PDF) 1 Page - ITT Industries |
|
LCGDF5T10JCE Datasheet(HTML) 1 Page - ITT Industries |
1 / 4 page K–17 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K C&K LC Series Subminiature Precision Snap-acting Switches Features/Benefits • Compact design • Long life and high electrical capacity • Quick connect, wire lead or PC mounting • Wide variety of actuator styles Typical Applications • Motorized equipment • Sump pump • Thermostatic controls Specifications CONTACT RATING: From low level* to 10.1 AMPS @ 250 V AC. ELECTRICAL LIFE: 100,000 cycles at 5 AMPS @ 250 V AC. INSULATION RESISTANCE: 1,000 M ohm min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: –17ºF to 185ºF (–25ºC to 85ºC). OPERATING FORCE: From 142 to 170 grams at actuator button. Forces are less at free end of lever actuators; (see OPERATING FORCE and ACTUATOR option sections). MOUNTING: 2-56 screws, torque 2.3 in/lbs max. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service center. Materials SWITCH HOUSING: Thermoplastic polyester or high temperature thermoplastic (PTS) (UL 94V-0). ACTUATOR BUTTON: Thermoplastic polyester (UL 94V-0). SPRING: Copper alloy. PIVOT: Copper alloy. MOVABLE CONTACTS: Fine silver for ratings greater than 1 AMP @ 125 V AC. Fine silver with 24K gold plate for 1 AMP @ 125 V AC or less. STATIONARY CONTACTS: Fine silver welded on copper alloy for ratings greater than 1 AMP @ 125 V AC. Gold alloy welded on copper alloy for ratings less than 1 AMP @ 125 V AC. TERMINALS: Copper alloy. TERMINAL SEAL: Epoxy. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages K-18 through K-20. For additional options not shown in catalog, consult Customer Service Center. Series LC SP, Mom. Operating Force GG 5 oz./142 grams GD 3.3 oz./94 grams GH 6 oz./170 grams Electrical Rating F5 1 A, 125, V AC, 30 V DC L9 5 A, 1/3 HP, 125, 250 V AC M1 10.1 A, 1/3 HP, 125, 25O V AC V6 5 A, 1/3 HP, 125, 250 V AC X1 1 A, 125 V AC, 3O V DC Actuator P00 Pin plunger A10 .28" lever roller, high force A25 .61" lever roller, low force T10 .29" lever, high force T13 .22" simulated roller, high force T20 .38" lever, low force T23 .32" simulated roller, low force T25 .67" lever, low force Terminations E Solder H .110" quick connect J Wire lead L Left formed PC thru-hole R Right formed PC thru-hole S PC Thru-hole Circuitry C SPDT W SPST N.C. Y SPST N.O. Seal NONE (STD.) No seal E Epoxy seal Electrical Life NONE 6,000 operations U Extended 100,000 operations Models Available L C |
Similar Part No. - LCGDF5T10JCE |
|
Similar Description - LCGDF5T10JCE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |