Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2PP3115AIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2PP3115AIT
Description  1:15 Differential Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2PP3115AIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2PP3115AIT Datasheet HTML 4Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 5Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 6Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 7Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 8Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 9Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 10Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 11Page - Cypress Semiconductor CY2PP3115AIT Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRELIMINARY
FastEdge™ Series
CY2PP3115
Document #: 38-07502 Rev.*A
Page 11 of 12
© Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimensions
FastEdge is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the
trademarks of their respective holders.
52-lead Thin Plastic Quad Flat Pack (10 x 10 x 1.4 mm) A52
51-85131-**


Similar Part No. - CY2PP3115AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3210AI CYPRESS-CY2PP3210AI Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3210AIT CYPRESS-CY2PP3210AIT Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3220AI CYPRESS-CY2PP3220AI Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
More results

Similar Description - CY2PP3115AIT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Cypress Semiconductor
CY2DL1510 CYPRESS-CY2DL1510 Datasheet
371Kb / 15P
   1:10 Differential LVDS Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com