Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP2Y3A001K0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2Y3A001K0F
Description  Optoelectronic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y3A001K0F Datasheet(HTML) 6 Page - Sharp Corporation

  GP2Y3A001K0F Datasheet HTML 1Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 2Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 3Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 4Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 5Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 6Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 7Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 8Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GP2Y3A001K0F
6
Data Sheet
PACKING SPECIFICATION
TRAY
PACKING METHOD
1. Each tray holds 50 pieces. Packing methods are shown in (A).
2. Each box holds 10 trays. Pads are added to top and bottom, and between layers, as in (B).
top and bottom. Put pads between each tray (9 pads total) see above drawing (B).
3. The box is sealed with packing tape. (C) shows the location of the Model number, Quantity, and Inspection date.
4. Package weight: Approximately 4 kg.
MODEL NUMBER
PACKING TAPE
PRODUCT TRAYS
(10-TRAY/CASE
)
PRODUCT
PAD (CORRUGATED
CARDBOARD)
(9 SHEETS/CASE
BETWEEN TRAYS)
PAD (CORRUGATED CARDBOARD)
(2 SHEETS/CASE: TOP AND BOTTOM)
PACKING CASE
QUANTITY
DATE
2
3
4
1
5
(A)
(B)
(C)
PART NAME
Packing case
Corrugated cardboard
Pad
Corrugated cardboard
Tray
Polystyrene
MATERIAL
GP2Y3A001K0F-8


Similar Part No. - GP2Y3A001K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
More results

Similar Description - GP2Y3A001K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y3A003K0F SHARP-GP2Y3A003K0F Datasheet
277Kb / 10P
   Optoelectronic Device
GP2Y3A002K0F SHARP-GP2Y3A002K0F Datasheet
258Kb / 9P
   Optoelectronic Device
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
   OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
logo
SparkFun Electronics
BOK-11131 SPARKFUN-BOK-11131 Datasheet
108Kb / 2P
   Timer, OpAmp & Optoelectronic Circuits & Projects
6??1??7
logo
List of Unclassifed Man...
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
   Optoelectronic Interrupter with Schmitt-Trigger Output Logic
logo
Guangdong Youtai Semico...
LTV-356T UMW-LTV-356T Datasheet
862Kb / 6P
   SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
logo
National Semiconductor ...
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
   CRD Device (FDDI Clock Recovery Device)
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
   CDD Device (FDDI Clock Distribution Device)
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
   Bidirectional device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com