Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAP22110B10ADFG Datasheet(PDF) 3 Page - ITT Industries

Part # RTAP22110B10ADFG
Description  1-4 Poles Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTAP22110B10ADFG Datasheet(HTML) 3 Page - ITT Industries

  RTAP22110B10ADFG Datasheet HTML 1Page - ITT Industries RTAP22110B10ADFG Datasheet HTML 2Page - ITT Industries RTAP22110B10ADFG Datasheet HTML 3Page - ITT Industries RTAP22110B10ADFG Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L–10
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTA Series
1-4 Poles Coded Rotary Switches
SWITCH FUNCTION
L
BCD ONLY
1 POLE
2 POLES
3 POLES
4 POLES
BCD + COMPLEMENTS
1 POLE
2 POLES
3 POLES
4 POLES
BCD + COMPLEMENTS
3P MODELS SCHEMATIC
Pos. 11 21 31 12 22 32
13 23 33
C1
C2
C3
4P MODELS SCHEMATIC
Pos. 11 21
12 22
13 23
14 24
C1
C2
C3
C4
DP MODELS SCHEMATIC
Pos. 11 21 31 41 51 61 12 22 32 42 52 62
C1
C2
SP MODELS SCHEMATIC
C0
Pos.
30º
12 Positions
112B12
30º
11 Positions
111B11
30º/36º
10 Positions
110B10
30º/36º
9 Positions
109B09
30º/36º
6 Positions
106B06
30º/36º
3 Positions
103B03
36º
10 Positions
No Stop
110S
30º
12 Positions
No Stop
112S
SP
INDEX
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
••••
••••
8
IC
••
••••
4
B
A
••
2
K
H
••
••••
••
1
C
K
••••
••••
8
BJ
J
••••
•••
4
A,N
A
I
••
••
••
••
2
D,K
DB
••
••••
1
F,I
H
D
••••
•••••••
•••••
C
E,J
M,N
L,N
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pos.
22.5º
30º
36º
Term.
Term.
Term.
30 INDEXING ANGLE PCB LAYOUT
22.5 INDEXING ANGLE
PCB LAYOUT
36 INDEXING ANGLE PCB LAYOUT
NOTE: Layout view from
component side.
Common terminals that are in locations
A-G are not connected to common termi-
nals that are in locations H-N. For 7-12
position output customer must tie these
commons together.
30º/36º
2 Positions
402B02
30º/36º
3 Positions
303B03
30º
6 Positions
206B06
30º/36º
5 Positions
205B05
30º/36º
4 Positions
204B04
30º/36º
2 Positions
202B02
30º
6 Positions
No Stop
206S
30º/36º
5 Positions
No Stop
205S
INDEX
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
DP
3P
4P


Similar Part No. - RTAP22110B10ADFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTAP1W122W25N CK-COMPONENTS-RTAP1W122W25N Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
RTAP1W122W25NS CK-COMPONENTS-RTAP1W122W25NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
RTAP1W12W25NS CK-COMPONENTS-RTAP1W12W25NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
More results

Similar Description - RTAP22110B10ADFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTA CK-COMPONENTS-RTA_V01 Datasheet
1Mb / 5P
   1–4 Poles Coded Rotary Switches
RTA CK-COMPONENTS-RTA_V02 Datasheet
766Kb / 5P
   1–4 Poles Coded Rotary Switches
16 May 22
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com