Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCGGL9P00ECE Datasheet(PDF) 2 Page - ITT Industries

Part # LCGGL9P00ECE
Description  Subminiature Precision Snap-acting Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

LCGGL9P00ECE Datasheet(HTML) 2 Page - ITT Industries

  LCGGL9P00ECE Datasheet HTML 1Page - ITT Industries LCGGL9P00ECE Datasheet HTML 2Page - ITT Industries LCGGL9P00ECE Datasheet HTML 3Page - ITT Industries LCGGL9P00ECE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
K–18
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K LC Series
Subminiature Precision Snap-acting Switches
SERIES
OPERATING FORCE
ELECTRICAL RATING
LC
SUBMINIATURE PRECISION SNAP-ACTING SWITCHES
SP MOMENTARY
6
170
GH
3.3
94
GD
5
142
GG
BASIC SWITCH
OPERATING FORCES
(OZ./GRAMS)
OPTION CODE
NOTE: Operating force varies with actuator option, see ACTUATOR option section.
All models
with all options,
also available.
Consult Customer Service Center for availability and delivery of nonstandard ratings.
*Low Level = conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
DOMESTIC
INTERNATIONAL
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
MOVABLE CONTACT
STATIONARY CONTACT
ELECTRICAL RATING
F5
X1
Yes
Yes
Fine silver with 24K
gold plate.
Fine silver with 24K gold
plate on copper base alloy.
From low level* to 1 AMP @ 125 V AC,
30 V DC.
L9
V6
Yes
Yes
5 AMPS, 1/3 HP @ 125 & 250 V AC.
M1
Yes
Yes
10.1 AMPS, 1/3 HP @ 125 & 250 V AC.
CONTACT MATERIAL
OPTION CODE
Fine silver.
Fine silver welded on
copper base alloy.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.


Similar Part No. - LCGGL9P00ECE

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LCGGP00ECUE CK-COMPONENTS-LCGGP00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
More results

Similar Description - LCGGL9P00ECE

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com