Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT9933 Datasheet(PDF) 8 Page - Supertex, Inc

Part # AT9933
Description  Hysteretic Boost-Buck (cuk) LED Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 Datasheet(HTML) 8 Page - Supertex, Inc

  AT9933 Datasheet HTML 1Page - Supertex, Inc AT9933 Datasheet HTML 2Page - Supertex, Inc AT9933 Datasheet HTML 3Page - Supertex, Inc AT9933 Datasheet HTML 4Page - Supertex, Inc AT9933 Datasheet HTML 5Page - Supertex, Inc AT9933 Datasheet HTML 6Page - Supertex, Inc AT9933 Datasheet HTML 7Page - Supertex, Inc AT9933 Datasheet HTML 8Page - Supertex, Inc AT9933 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
AT9933
Assuming a 30% peak-to-peak ripple when the converter is
in input current limit mode, the minimum value of the input
current will be:
I
LIM,MIN = 0.85 • IIN,LIM
(5)
Setting
I
LIM,MIN = 1.05 • IIN,PK
(6)
The current level to limit the converter can then be com-
puted.
(7)
Using IO = 350mA and ΔI
O = 87.5mA in (1) and (2),
Before the design of the output side is complete, over voltage
protection has to be included in the design. For this applica-
tion, choose a 33V zener diode. This is the voltage at which
the output will clamp in case of an open LED condition. For
a 350mW diode, the maximum current rating at 33V works
out to about 10mA. Using a 2.5mA current level during open
LED conditions, and assuming the same R
S2/RREF2 ratio,
R
CS2 + RS2A = 120Ω
(8)
Choose the following values for the resistors:
R
CS2 = 1.65Ω, 1/4W, 1%
R
REF2 = 10kΩ, 1/8W, 1%
R
S2A = 100Ω, 1/8W, 1%
R
S2B = 5.23kΩ, 1/8W, 1%
The current sense resistor needs to be at least a 1/4W, 1%
resistor.
Similarly, using I
IN = 2.1A and ΔIIN = 0.3xIIN = 0.63 in (1) and
(2):
R
CS1 = 0.228Ω
P
RCS1 = I
2
IN,LIM • RCS1 = 1W
Choose the following values for the resistors:
R
CS1 = parallel combination of three
0.68Ω, 1/2W, 5%
R
REF1 = 10kΩ, 1/8W, 1%
R
S1 = 4.42kΩ, 1/8W, 1%
IIN LIM =
• IIN PK
0.85
= 2.1A
1.05
RCS2
RS2
RREF2
= 1.78Ω
= 0.5625
RS1
RREF1
= 0.442


Similar Part No. - AT9933

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT9933 MICROCHIP-AT9933 Datasheet
542Kb / 16P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
06/23/16
logo
Supertex, Inc
AT9933DB1 SUTEX-AT9933DB1 Datasheet
1Mb / 11P
   High Bright LED Driver IC Meeting Automotive Requirements
AT9933LG-G SUTEX-AT9933LG-G Datasheet
625Kb / 9P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
logo
Microchip Technology
AT9933LG-G MICROCHIP-AT9933LG-G Datasheet
542Kb / 16P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
06/23/16
logo
Supertex, Inc
AT9933 SUTEX-AT9933_12 Datasheet
625Kb / 9P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
More results

Similar Description - AT9933

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
   Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
Microchip Technology
AT9933 MICROCHIP-AT9933 Datasheet
542Kb / 16P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
06/23/16
logo
Supertex, Inc
AT9933 SUTEX-AT9933_12 Datasheet
625Kb / 9P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
HV9930 SUTEX-HV9930_11 Datasheet
570Kb / 7P
   Hysteretic Boost-Buck (훴uk) LED Driver IC
AT9932 SUTEX-AT9932 Datasheet
655Kb / 10P
   Automotive Boost-Buck LED Lamp Driver IC
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com