Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL59S12 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL59S12
Description  PHOTOELECTRIC SMOKE DETECTOR IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL59S12 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL59S12 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL59S12 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BL59A12/BL59S12
http://www.belling.com.cn
- 3 -
8/28/2006
Total 8 Pages
Wrote by 2006
6.3. Display method: LED (connected to LED pin) flashing combined with alarm sound,
indicates a LOCAL SMOKE condition. Only pulsating alarm sound without LED flashing
indicates a REMOTE SMOKE condition.
7. Specifications:
7.1. Absolute maximum ratings(VSS as reference)
Symbol
Parameter
Limits
Units
VDD
Supply voltage
-0.5 ~ +12
C1, C2, Detect
-0.25 ~Vdd+0.25
OSC, low-supply trip
-0.25 ~Vdd+0.25
I/O
-0.25 ~Vdd+0.25
Feedback
-15 ~+15
VIN
DC input voltage
Test
-1.0 ~Vdd+0.25
V
IIN
DC input current
±10
mA
IOUT
DC output current
±25
mA
IDD
Supply current
+25/-150
mA
Power dissipation in still air, 5Sec
1200
PD
Continuous
350
mW
TSTG
Storage temperature
-55 ~125
7.2 DC Electrical characteristics(Ta=25℃
℃,VSS as reference, unless otherwise indicated)
Symbol
Parameters
Test condition
VDD
Min.
Max.
Unit
VDD
Power supply voltage
range
--
6.0
12
V
VTH
Supply threshold voltage,
Low supply alarm voltage
Low supply trip
voltage
VIN = VDD/3
6.5
7.8
V
IDD
Average supply current
Standby,
(See sample
figure)
12
--
8
uA
iDD
Supply peak current
Strobe on,
IRED off
(See sample
figure)
12
--
2.0
mA
VIL
Low level input voltage,
I/O
Feedback
Test
9.0
9.0
9.0
1.5
2.7
7.0
V
VIH
High level input voltage
I/O
Feedback
Test
9.0
9.0
9.0
3.2
6.3
8.5
V
IIN
Input current OSC,
Detect
Low supply trip
Feedback
VIN = VSS or
VDD
VIN = VSS or
VDD
VIN = VSS or
VDD
12
12
12
±100
±100
±100
nA
IIL
Low level input current
TEST
VIN = VSS
12
-1
uA
IIH
Pull-down current Test
I/O
VIN = VDD
No local smoke,
VIN = VDD
No local smoke,
VIN = 17V
9.0
9.0
12
0.5
25
--
10
100
140
uA


Similar Part No. - BL59S12

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL59S10 BELLING-BL59S10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
More results

Similar Description - BL59S12

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
MC146012 FREESCALE-MC146012_07 Datasheet
356Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
Systemsensor advanced i...
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Cherry Semiconductor Co...
CS235 CHERRY-CS235 Datasheet
147Kb / 6P
   System Photoelectric Smoke Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com