Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7923KF Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7923KF
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7923KF Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7923KF Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7923
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 8
G52203-0, Rev 3.0
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 8: Pad Assignments for VSC7923 Die
NOTES:
1) Die size = 1620µm x 1620µm
2) Actual die size = 1720µm x 1720µm (after die are cut up)
3) Pad size = 120µm x 120µm
4) Pad pitch = 150µm
5) Space betwen pads = 30µm
PAD 25
PAD 24
PAD 23
PAD 22
PAD 21
PAD 20
PAD 19
PAD 18
VIB
GND0
OUT
OUT
GND0
NOUT
VSS
VSS
PAD 1
PAD 34 PAD 33 PAD 32 PAD 31 PAD 30 PAD 29 PAD 28 PAD 27 PAD 26
VREF
VSS
VSS
VSS
VSS
VIP
MIP
MIP
MIB
PAD 2
PAD 3
PAD 4
PAD 5
PAD 6
PAD 7
PAD 8
DIN
VSS
DIN
GND
GND
GND
VSS
VSS
PAD 9
PAD 10 PAD 11 PAD 12 PAD 13 PAD 14 PAD 15 PAD 16 PAD 17
N/C
N/C
GND
GND
GND
GND
GND
NMARK MARK
120
µm
120
150
µm
30
µm
1720
µm
1620
µm
1720
µm
1620
µm
50
µm
50
µm


Similar Part No. - VSC7923KF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924KF VITESSE-VSC7924KF Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924KFL VITESSE-VSC7924KFL Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925KF VITESSE-VSC7925KF Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results

Similar Description - VSC7923KF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
   SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
   2.5Gb/s SONET/SDH FEC Encoder and Decoder
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com