Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3981 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3981
Description  3.125Gbps XAUI Quad Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3981 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3981 Datasheet HTML 1Page - Maxim Integrated Products MAX3981 Datasheet HTML 2Page - Maxim Integrated Products MAX3981 Datasheet HTML 3Page - Maxim Integrated Products MAX3981 Datasheet HTML 4Page - Maxim Integrated Products MAX3981 Datasheet HTML 5Page - Maxim Integrated Products MAX3981 Datasheet HTML 6Page - Maxim Integrated Products MAX3981 Datasheet HTML 7Page - Maxim Integrated Products MAX3981 Datasheet HTML 8Page - Maxim Integrated Products MAX3981 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX3981 quad equalizer provides compensation
for transmission medium losses for four “lanes” of digi-
tal NRZ data at a data rate of 3.125Gbps in one
package. It is tailor-made for 10Gigabit Ethernet appli-
cations that require attenuation of noise and jitter that
occur in communicating with chassis-to-chassis inter-
connect. In support of IEEE-802.3ae for the XAUI inter-
face, the MAX3981 adaptively allows XAUI lanes to
reach 10m (33ft) with inexpensive twin-axial cable for
extended backplane applications.
The equalizer has 100
Ω differential CML data inputs
and outputs.
The MAX3981 is available in a 44-pin exposed-pad
QFN package. The MAX3981 consumes only 700mW at
3.3V or 175mW per channel.
Applications
IEEE–802.3ae XAUI Interface (3.125Gbps)
InfiniBand (2.5Gbps)
Features
♦ Four Differential Digital Data “Lanes” at
3.125Gbps
♦ Span 10m (33ft) of Twin-Axial Cable
♦ Receiver Equalization Reduces Intersymbol
Interference (ISI)
♦ Low Power, 175mW per Channel
♦ Standby Mode—Power-Down State
♦ Single 3.3V Supply
♦ Signal Detect
3.125Gbps XAUI Quad Cable Equalizer
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
LINE CARD
PMD
MAC
Rx
Rx
Tx
Tx
Rx
Rx
Tx
Tx
10GbE
4
4
4
4
4
4
4 x 3.125Gbps
SWITCH CARD
MAX3981
OUT
IN
3.3V
SUPPLY
MAX3981
IN
OUT
3.3V
SUPPLY
10m (33ft)100
TWIN-AX CABLE
SWITCH
Rx
Tx
Typical Operating Circuit
21-2178; Rev 1; 5/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
PART
TEMP
RANGE
PIN-
PACKAGE
PACKAGE
CODE
MAX3981UGH
0°C to +85°C
44 QFN
G4477-1


Similar Part No. - MAX3981

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3981 MAXIM-MAX3981 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3981UGH MAXIM-MAX3981UGH Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
More results

Similar Description - MAX3981

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3803 MAXIM-MAX3803 Datasheet
254Kb / 8P
   DC-Coupled, UCSP 3.125Gbps Equalizer
19-2699; Rev 0; 2/03
logo
Texas Instruments
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
[Old version datasheet]   Quad-Channel XAUI/10GBASE-KR Transceiver
logo
Maxim Integrated Produc...
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
   3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com