Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L203111TS10QE Datasheet(PDF) 5 Page - ITT Industries

Part # L203111TS10QE
Description  Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

L203111TS10QE Datasheet(HTML) 5 Page - ITT Industries

  L203111TS10QE Datasheet HTML 1Page - ITT Industries L203111TS10QE Datasheet HTML 2Page - ITT Industries L203111TS10QE Datasheet HTML 3Page - ITT Industries L203111TS10QE Datasheet HTML 4Page - ITT Industries L203111TS10QE Datasheet HTML 5Page - ITT Industries L203111TS10QE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
J–22
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K L Series
Miniature Slide Switches
CONTACT MATERIAL
SEAL
EPOXY
.075 MAX.
(1,91)
E
EPOXY SEAL
NONE
NO SEAL
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
All models
with all options (except ‘01’ termination) when ordered with
‘G’ or ‘Q’ contact material.
Models with ‘01’ termination option
only.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q’ contact materials.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
TERMINATIONS
.240
(6,10)
.028
(0,71)
.020 THK.
(0,51)
.080
(2,03)
.062
(1,57)
.226
(5,74)
.050
(1,27)
.020 THK.
(0,51)
.080
(2,03)
.060
(1,52)
.240
(6,10)
.046
(1,17)
.020 THK.
(0,51)
.080
(2,03)
.085
(2,16)
.256
(6,50)
.050
(1,27)
.020 THK.
(0,51)
.080
(2,03)
.085
(2,16)
.181 TYP.
(4,60)
.225
(5,72)
.065 DIA
(1,65ø)
TYP.
.187 TYP.
(4,75)
.065 DIA
(1,65ø
TYP.
.181 TYP.
(4,60)
.272
(6,91)
.065 DIA
(1,65ø)
TYP.
.181 TYP.
(4,60)
.225
(5,72)
.065 DIA
(1,65ø)
TYP.
.181 TYP.
(4,60)
.272
(6,91)
.065 DIA
(1,65ø)
TYP.
.181 TYP.
(4,60)
.225
(5,72)
.065 DIA
(1,65ø)
TYP.
.181 TYP.
(4,60)
.272
(6,91)
.065 DIA
(1,65ø)
TYP.
All models with ‘04’
terminations and
‘ML’ mounting style.
All 2 position models,
except ‘04’ terminations.
All 2 position models
with ‘04’ terminations
and ‘MA’ mounting style.
All 2 position models
with ‘04’ terminations
and ‘MA’ mounting style.
All 3 position models,
except ‘04’ terminations.
All 3 position models,
with ‘10’ terminations.
All 4 position models,
with ‘10’ terminations.
.445
(11,30)
.050
(1,27)
.020 THK.
(0,51)
.080
(2,03)
.065
(1,65)
.226
(5,74)
.050
(1,27)
.020 THK.
(0,51)
.080
(2,03)
.272
(6,91)
.219
(10,64)
.050
(1,27)
.020 THK.
(0,51)
.080
(2,03)
.263
(6,68)
12
PC THRU-HOLE
06
WIRE WRAP
02
PC THRU-HOLE
01
SOLDER LUG WITH NOTCH
03
SOLDER LUG WITH HOLE
10
PC THRU-HOLE
04
PC THRU-HOLE
‘MA & ML’ Mounting Styles Only
‘MS, MV, SS & TS’ Mounting Styles Only
‘01’ terminations
only.
LX0X, LX1X MODELS: 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @
125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA).
LX6X MODELS: 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL/CSA).
0.4 VA MAX. @20 V AC OR DC max.
LX0X, LX1X MODELS: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC;
0.5 AMP @ 125 V DC (UL/CSA).
LX6X MODELS: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC
(UL/CSA).
LOW LEVEL/DRY
CIRCUIT OR POWER
POWER
LOW LEVEL/DRY
CIRCUIT
GOLD OVER
SILVER 3
GOLD 1
SILVER 2
OPTION
CODE
RATINGS
CONTACT
MATERIAL
Q
B
G
RoHS
COMPLIANT
RoHS
COMPLIANT
YES
YES
YES
YES
YES
YES


Similar Part No. - L203111TS10QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
L203 CK-COMPONENTS-L203 Datasheet
329Kb / 6P
   Miniature Slide Switches
L203 CK-COMPONENTS-L203 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
List of Unclassifed Man...
L2032 ETC2-L2032 Datasheet
586Kb / 6P
   LCD module
L2032000000 ETC2-L2032000000 Datasheet
586Kb / 6P
   LCD module
L203200J000 ETC2-L203200J000 Datasheet
586Kb / 6P
   LCD module
More results

Similar Description - L203111TS10QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com