Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF.F180 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF.F180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF.F180 Datasheet(HTML) 5 Page - International Rectifier

  IRF.F180 Datasheet HTML 1Page - International Rectifier IRF.F180 Datasheet HTML 2Page - International Rectifier IRF.F180 Datasheet HTML 3Page - International Rectifier IRF.F180 Datasheet HTML 4Page - International Rectifier IRF.F180 Datasheet HTML 5Page - International Rectifier IRF.F180 Datasheet HTML 6Page - International Rectifier IRF.F180 Datasheet HTML 7Page - International Rectifier IRF.F180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRK.F180.. Series
5
Bulletin I27100 rev. C 03/01
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
IRKLF..
IRKUF..
IRKVF..
IRKKF..
IRKNF..
IRKHF..
IRKTF..
- All dimensions in millimeters (inches)
- Dimensions are nominal
- Full engineering drawings are available
on request
- UL identification number for gate
and cathode wire: UL 1385
- UL identification number for package:
UL 94V0
Outline Table
60
70
80
90
100
110
120
130
0
40
80
120
160
200
30
60
90
120
180
A ve rag e O n -state C urre n t (A )
Cond uc tio n A n g le
IR K.F180.. Series
R
(D C ) = 0.12 5 K/W
thJC
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
DC
30
60
90
120
180
Averag e O n -state C urren t (A )
Co n d uc tio n P e riod
IR K.F180.. Se ries
R
(D C ) = 0.125 K/W
thJ C


Similar Part No. - IRF.F180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF VISHAY-IRF Datasheet
74Kb / 3P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 07-Aug-07
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 07-Aug-07
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 2P
   Inductors
Revision: 14-Jan-08
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
More results

Similar Description - IRF.F180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com